Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

1N5807 Datasheet (PDF) - M/A-COM Technology Solutions, Inc.

1N5807 Datasheet PDF - M/A-COM Technology Solutions, Inc.
Part # 1N5807
Download  1N5807 Download
File Size   626.56 Kbytes
Page   4 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description Popular JEDEC Registered Series

1N5807 Datasheet (PDF)

Go To PDF Page Download Datasheet
1N5807 Datasheet PDF - M/A-COM Technology Solutions, Inc.

Part # 1N5807
Download  1N5807 Click to download

File Size   626.56 Kbytes
Page   4 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description Popular JEDEC Registered Series

1N5807 Datasheet (HTML) - M/A-COM Technology Solutions, Inc.


1N5807 Product details

Description
The “Ultrafast Recovery” rectifier diode series is military qualified to MIL-PRF-19500/477 and is ideal for high reliability applications. These industry recognized 6 Amp rated rectifiers for working peak reverse voltages from 50 to 150 volts are hermetically sealed with voidless glass construction.

Features
● Popular JEDEC Registered Series
● Voidless Hermetically Sealed Glass Package
● Available in Axial Leaded and MELF packages
● Extremely Robust Construction
● Internal “Category I” Metallurgical Bonds
● JAN, JANTX, JANTXV, and JANS available per
   MIL-PRF-19500/477




Similar Part No. - 1N5807

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
1N5807 MICROSEMI-1N5807 Datasheet
59Kb / 2P
ULTRA FAST RECTIFIERS
1N5807 MICROSEMI-1N5807 Datasheet
46Kb / 3P
6 AMPS FAST RECOVERY RECTIFIER CHIP 50 - 150 VOLTS
1N5807 MICROSEMI-1N5807 Datasheet
133Kb / 3P
MILITARY APPROVED, HIGH EFFICIENCY, 2.5 AMP AND 6.0 AMP
logo
Sensitron
1N5807 SENSITRON-1N5807 Datasheet
42Kb / 2P
HIGH EFFICIENTCY AXIAL LEAD RECTIFIERS
logo
Semtech Corporation
1N5807 SEMTECH-1N5807 Datasheet
200Kb / 3P
RECTIFIER, up to 150V, 6A, 30ns
More results


Similar Description - 1N5807

ManufacturerPart #DatasheetDescription
logo
Advanced Power Technolo...
2N7227 ADPOW-2N7227 Datasheet
62Kb / 4P
JEDEC REGISTERED N - CHANNEL HIGH VOLTAGE POWER MOSFETS
2N7228 ADPOW-2N7228 Datasheet
61Kb / 4P
JEDEC REGISTERED N - CHANNEL HIGH VOLTAGE POWER MOSFETS
logo
Nell Semiconductor Co.,...
150FD NELLSEMI-150FD Datasheet
1Mb / 6P
Popular series for rough service
logo
P-tec Corporation
PL16-CDR12 P-TEC-PL16-CDR12_14 Datasheet
76Kb / 1P
Popular 5mm Lens Style
PL16-CDR21 P-TEC-PL16-CDR21_14 Datasheet
76Kb / 1P
Popular 5mm Lens Style
PL16-CDY01 P-TEC-PL16-CDY01_14 Datasheet
76Kb / 1P
Popular 5mm Lens Style
logo
Vishay Siliconix
VS-300U VISHAY-VS-300U Datasheet
169Kb / 7P
Popular series for rough service
23-Mar-17
logo
Everlight Electronics C...
EALP05RDEWA0 EVERLIGHT-EALP05RDEWA0 Datasheet
304Kb / 10P
Popular 3mm package
EALP05RDEWA7 EVERLIGHT-EALP05RDEWA7 Datasheet
735Kb / 11P
Popular 3mm package
EALP05RDEWA9 EVERLIGHT-EALP05RDEWA9 Datasheet
264Kb / 10P
Popular 5mm package
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com