Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

XO5085 Datasheet (PDF) - MTRONPTI

XO5085 Datasheet PDF - MTRONPTI
Part # XO5085
Download  XO5085 Download
File Size   737.29 Kbytes
Page   3 Pages
Manufacturer  MTRONPTI [MTRONPTI]
Direct Link  http://www.mtronpti.com
Logo MTRONPTI - MTRONPTI
Description Specification for a Sinewave Output 160MHz OCXO

XO5085 Datasheet (PDF)

Go To PDF Page Download Datasheet
XO5085 Datasheet PDF - MTRONPTI

Part # XO5085
Download  XO5085 Click to download

File Size   737.29 Kbytes
Page   3 Pages
Manufacturer  MTRONPTI [MTRONPTI]
Direct Link  http://www.mtronpti.com
Logo MTRONPTI - MTRONPTI
Description Specification for a Sinewave Output 160MHz OCXO

XO5085 Datasheet (HTML) - MTRONPTI




Similar Part No. - XO5085

ManufacturerPart #DatasheetDescription
logo
MTRONPTI
XO5085-LPOCXOS MTRONPTI-XO5085-LPOCXOS Datasheet
179Kb / 3P
Specification for a Sine Output Thru-Hole OCXO
More results


Similar Description - XO5085

ManufacturerPart #DatasheetDescription
logo
Advanced XTAL Products
AXIOM25 AXTAL-AXIOM25 Datasheet
58Kb / 2P
OCXO in DIL14 package, Sinewave Output
2005-07-15
AXIOM45 AXTAL-AXIOM45 Datasheet
54Kb / 2P
OCXO High stability, Sinewave Output
2005-07-15
logo
Connor-Winfield Corpora...
OFA5BB1BA CONNOR-WINFIELD-OFA5BB1BA Datasheet
141Kb / 2P
SURFACE MOUNT 5.0V SINEWAVE OCXO
OFC5DJ3BS CONNOR-WINFIELD-OFC5DJ3BS Datasheet
189Kb / 2P
SURFACE MOUNT 5.0V OCXO with SINEWAVE OUTPUT
OFC12CJ4BA CONNOR-WINFIELD-OFC12CJ4BA Datasheet
160Kb / 2P
12.00V SINEWAVE OCXO
logo
MTRONPTI
XO5085-LPOCXOS MTRONPTI-XO5085-LPOCXOS Datasheet
179Kb / 3P
Specification for a Sine Output Thru-Hole OCXO
XO5089 MTRONPTI-XO5089 Datasheet
237Kb / 3P
Specification for a Sine Output OCXO
logo
Suntsu Electronics, Inc...
SOC25S SUNTSU-SOC25S Datasheet
353Kb / 3P
Metal DIP Sinewave OCXO
SOC36S SUNTSU-SOC36S Datasheet
447Kb / 3P
Metal DIP Sinewave OCXO
SOC38S SUNTSU-SOC38S Datasheet
445Kb / 3P
Metal DIP Sinewave OCXO
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com