Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TX25SA0800LDFBXZL-PF Datasheet (PDF) - Advanced Crystal Technology

TX25SA0800LDFBXZL-PF Datasheet PDF - Advanced Crystal Technology
Part # TX25SA0800LDFBXZL-PF
Download  TX25SA0800LDFBXZL-PF Download
File Size   650.63 Kbytes
Page   2 Pages
Manufacturer  ACT [Advanced Crystal Technology]
Direct Link  http://www.actcrystals.com
Logo ACT - Advanced Crystal Technology
Description TCXO, 2.5 x 2.0mm, Clipped sine wave

TX25SA0800LDFBXZL-PF Datasheet (PDF)

Go To PDF Page Download Datasheet
TX25SA0800LDFBXZL-PF Datasheet PDF - Advanced Crystal Technology

Part # TX25SA0800LDFBXZL-PF
Download  TX25SA0800LDFBXZL-PF Click to download

File Size   650.63 Kbytes
Page   2 Pages
Manufacturer  ACT [Advanced Crystal Technology]
Direct Link  http://www.actcrystals.com
Logo ACT - Advanced Crystal Technology
Description TCXO, 2.5 x 2.0mm, Clipped sine wave

TX25SA0800LDFBXZL-PF Datasheet (HTML) - Advanced Crystal Technology


TX25SA0800LDFBXZL-PF Product details

TCXO, 2.5 x 2.0mm, Clipped sine wave

From ±0.5ppm stability over ‐30°C to 85°C




Similar Part No. - TX25SA0800LDFBXZL-PF

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TX25 ETC2-TX25 Datasheet
640Kb / 10P
High-Speed USB 2.0 OTG, Full-Speed USB 2.0 Host
logo
Japan Aviation Electron...
TX25-100P-12ST-H1E JAE-TX25-100P-12ST-H1E Datasheet
157Kb / 3P
TX24 TX25 Series (1.27 mm Pitch, Board-to-Board Connector)
TX25-100P-12ST-N1E JAE-TX25-100P-12ST-N1E Datasheet
151Kb / 3P
TX24 TX25 Series (1.27 mm Pitch, Board-to-Board Connector)
TX25-100P-6ST-H1E JAE-TX25-100P-6ST-H1E Datasheet
145Kb / 3P
TX24 TX25 Series (1.27 mm Pitch, Board-to-Board Connector)
TX25-100P-6ST-N1E JAE-TX25-100P-6ST-N1E Datasheet
134Kb / 3P
TX24 TX25 Series (1.27 mm Pitch, Board-to-Board Connector)
More results


Similar Description - TX25SA0800LDFBXZL-PF

ManufacturerPart #DatasheetDescription
logo
QUARTZCOM the communica...
TX7-302 QUARTZCOM-TX7-302 Datasheet
231Kb / 1P
SMD TCXO Clipped sine wave Output signal clipped sine wave
logo
Advanced Crystal Techno...
TCSW53 ACT-TCSW53 Datasheet
778Kb / 3P
TCXO/VC-TCXO, 5.0 x 3.2mm, Clipped sine wave
12042016
TCSW75LC ACT-TCSW75LC Datasheet
780Kb / 3P
TCXO/VC-TCXO, 7.0 x 5.0mm, Clipped sine wave
11042016
TX32SA ACT-TX32SA Datasheet
671Kb / 2P
TCXO, 3.2 x 2.5mm, Clipped sine wave
24062016
TCSW32 ACT-TCSW32 Datasheet
779Kb / 3P
TCXO/VC-TCXO, 3.2 x 2.5mm, Clipped sine wave
11042016
TX20SA ACT-TX20SA Datasheet
648Kb / 2P
TCXO, 2.0 x 1.6mm, Clipped sine wave
25042016
TSK3225 ACT-TSK3225 Datasheet
752Kb / 3P
TCXO/VC-TCXO, 3.2 x 2.5mm, Clipped sine wave
11042016
TCSW75 ACT-TCSW75 Datasheet
781Kb / 3P
TCXO/VC-TCXO, 7.0 x 5.0mm, Clipped sine wave
11042016
logo
MTRONPTI
M60641HSN MTRONPTI-M60641HSN Datasheet
882Kb / 2P
2.0 x 2.5 mm, 3.0 V, Clipped Sine Wave, TCXO/VCTCXO
M60551HSN MTRONPTI-M60551HSN Datasheet
879Kb / 2P
2.5 x 3.2 mm, 3.0 V, Clipped Sine Wave, TCXO/VCTCXO
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com