Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

1300230001 Datasheet (PDF) - Molex Electronics Ltd.

1300230001 Datasheet PDF - Molex Electronics Ltd.
Part # 1300230001_17
Download  1300230001 Download
File Size   42.29 Kbytes
Page   1 Pages
Manufacturer  MOLEX1 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX1 - Molex Electronics Ltd.
Description Super-Safeway Single Button, 2 Pin, Single-Pole, Single-Throw, Normally Open,10A

1300230001 Datasheet (PDF)

Go To PDF Page Download Datasheet
1300230001 Datasheet PDF - Molex Electronics Ltd.

Part # 1300230001_17
Download  1300230001 Click to download

File Size   42.29 Kbytes
Page   1 Pages
Manufacturer  MOLEX1 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX1 - Molex Electronics Ltd.
Description Super-Safeway Single Button, 2 Pin, Single-Pole, Single-Throw, Normally Open,10A

1300230001 Datasheet (HTML) - Molex Electronics Ltd.




Similar Part No. - 1300230001_17

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
1300230001 MOLEX-1300230001 Datasheet
290Kb / 1P
WOODHEAD ENABLING SWITCH
2019/08/19
More results


Similar Description - 1300230001_17

ManufacturerPart #DatasheetDescription
logo
Nihon Inter Electronics...
D2N130CD NIEC-D2N130CD Datasheet
171Kb / 3P
Single Pole, Single Throw Normally Open
D2N140CD NIEC-D2N140CD Datasheet
171Kb / 3P
Single Pole, Single Throw Normally Open
logo
Molex Electronics Ltd.
130023-0001 MOLEX11-130023-0001 Datasheet
60Kb / 1P
Super-Safeway Single Button, 2 Pin, Single-Pole
130023-0002 MOLEX11-130023-0002 Datasheet
60Kb / 1P
Super-Safeway Single Button, 2 Pin, Single-Pole
130023-0004 MOLEX11-130023-0004 Datasheet
60Kb / 1P
Super-Safeway Single Button, 3 Pin, Single-Pole, Single-Throw
1300230002 MOLEX11-1300230002 Datasheet
95Kb / 1P
Super-Safeway Single Button, 2 Pin, Single-Pole, Single-Throw
1300230004 MOLEX11-1300230004 Datasheet
52Kb / 1P
Super-Safeway Single Button, 3 Pin, Single-Pole, Single-Throw
1300230002 MOLEX1-1300230002_17 Datasheet
41Kb / 1P
Super-Safeway Single Button, 2 Pin, Single-Pole, Single-Throw, Normally Closed
1300230004 MOLEX1-1300230004_17 Datasheet
41Kb / 1P
Super-Safeway Single Button, 3 Pin, Single-Pole, Single-Throw, Normally Open
1301260364 MOLEX-1301260364 Datasheet
43Kb / 1P
Super-Safeway Single Button, 2 Pin, Single-Pole, Single-Throw, Normally Open, 10A, Snap Action Switch, Silicone Switch Boot, 125/250V AC, Mini-Change Connection
08/31/2021
More results




About Molex Electronics Ltd.


Molex Electronics Ltd. is a subsidiary of Koch Industries, Inc., and is a global manufacturer of electronic and fiber optic interconnect solutions.

The company was founded in 1938 and is headquartered in Lisle, Illinois.

Molex offers a wide range of interconnect products including connectors, cable assemblies, switches, and other passive components.

These products are used in various industries including automotive, data communications, consumer electronics, industrial equipment, medical devices, and telecommunications.

With operations and facilities in over 40 countries, Molex is known for its innovation and technology leadership in the interconnect solutions market.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com