Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

VS-16CTQ080SHM3 Datasheet (PDF) - Vishay Siliconix

VS-16CTQ080SHM3 Datasheet PDF - Vishay Siliconix
Part # VS-16CTQ080SHM3
Download  VS-16CTQ080SHM3 Download
File Size   189.37 Kbytes
Page   8 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description High Performance Schottky Rectifier, 2 x 8 A

VS-16CTQ080SHM3 Datasheet (PDF)

Go To PDF Page Download Datasheet
VS-16CTQ080SHM3 Datasheet PDF - Vishay Siliconix

Part # VS-16CTQ080SHM3
Download  VS-16CTQ080SHM3 Click to download

File Size   189.37 Kbytes
Page   8 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description High Performance Schottky Rectifier, 2 x 8 A

VS-16CTQ080SHM3 Datasheet (HTML) - Vishay Siliconix


VS-16CTQ080SHM3 Product details

• 175 °C TJ operation
• Center tap configuration
• Low forward voltage drop
• High purity, high temperature epoxy
encapsulation for enhanced mechanical
strength and moisture resistance
• High frequency operation
• Guard ring for enhanced ruggedness and long term reliability
• Meets MSL level 1, per J-STD-020, LF maximum peak of 260 °C
• AEC-Q101 qualified, meets JESD 201 class 1 whisker test




Similar Part No. - VS-16CTQ080SHM3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-16CTQ080S-M3 VISHAY-VS-16CTQ080S-M3 Datasheet
200Kb / 8P
High Performance Schottky Rectifier, 2 x 8 A
12-Mar-10
VS-16CTQ080SPbF VISHAY-VS-16CTQ080SPbF Datasheet
166Kb / 8P
Schottky Rectifier, 2 x 8 A
12-Mar-10
VS-16CTQ080SPBF VISHAY-VS-16CTQ080SPBF Datasheet
159Kb / 9P
High Performance Schottky Rectifier
27-Feb-14
VS-16CTQ080STRL-M3 VISHAY-VS-16CTQ080STRL-M3 Datasheet
200Kb / 8P
High Performance Schottky Rectifier, 2 x 8 A
12-Mar-10
VS-16CTQ080STRR-M3 VISHAY-VS-16CTQ080STRR-M3 Datasheet
200Kb / 8P
High Performance Schottky Rectifier, 2 x 8 A
12-Mar-10
More results


Similar Description - VS-16CTQ080SHM3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
16CTT100 VISHAY-16CTT100_11 Datasheet
162Kb / 8P
High Performance Generation 5.0 Schottky Rectifier, 2 x 8 A
10-Aug-11
VS-16CTQHN3 VISHAY-VS-16CTQHN3 Datasheet
758Kb / 7P
High Performance Schottky Rectifier, 2 x 8 A
05-Mar-14
VS-16CTQS-M3 VISHAY-VS-16CTQS-M3 Datasheet
200Kb / 8P
High Performance Schottky Rectifier, 2 x 8 A
12-Mar-10
VS-16CTQSPBF VISHAY-VS-16CTQSPBF Datasheet
160Kb / 8P
High Performance Schottky Rectifier, 2 x 8 A
27-Feb-14
VS-16CTQ060-M3 VISHAY-VS-16CTQ060-M3 Datasheet
162Kb / 7P
High Performance Schottky Rectifier, 2 x 8 A
20-Nov-17
VS-16CTQHN3 VISHAY-VS-16CTQHN3_V01 Datasheet
750Kb / 7P
High Performance Schottky Rectifier, 2 x 8 A
05-Mar-14
VS-16CTQ060-M3 VISHAY-VS-16CTQ060-M3_V01 Datasheet
172Kb / 7P
High Performance Schottky Rectifier, 2 x 8 A
22-Dec-2021
VS-16CTQS-M3 VISHAY-VS-16CTQS-M3_V01 Datasheet
222Kb / 8P
High Performance Schottky Rectifier, 2 x 8 A
21-Dec-2021
VS-16CTQSHM3 VISHAY-VS-16CTQSHM3_V01 Datasheet
191Kb / 8P
High Performance Schottky Rectifier, 2 x 8 A
02-Mar-15
VS-16CTQSPBF VISHAY-VS-16CTQSPBF_V01 Datasheet
139Kb / 8P
High Performance Schottky Rectifier, 2 x 8 A
27-Feb-14
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com