Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

BZX84C8V2-G Datasheet (PDF) - Vishay Siliconix

BZX84C8V2-G Datasheet PDF - Vishay Siliconix
Part # BZX84C8V2-G
Download  BZX84C8V2-G Download
File Size   125.26 Kbytes
Page   8 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Silicon planar Zener diodes

BZX84C8V2-G Datasheet (PDF)

Go To PDF Page Download Datasheet
BZX84C8V2-G Datasheet PDF - Vishay Siliconix

Part # BZX84C8V2-G
Download  BZX84C8V2-G Click to download

File Size   125.26 Kbytes
Page   8 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Silicon planar Zener diodes

BZX84C8V2-G Datasheet (HTML) - Vishay Siliconix


BZX84C8V2-G Product details

FEATURES
• Silicon planar Zener diodes
• The Zener voltages are graded according to the
   international E24 standard. Standard Zener
   voltage tolerance is ± 5 %, indicated by the “C”
   in the ordering code. Replace “C” with “B” for
   ± 2 % tolerance.
• AEC-Q101 qualified
• ESD capability acc. to AEC-Q101:
   human body model: > 8 kV,
   machine model: > 800 V
• Base P/N-G3 - green, commercial grade
• Material categorization: For definitions of compliance
   please see www.vishay.com/doc?99912




Similar Part No. - BZX84C8V2-G

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BZX84C8V2- VISHAY-BZX84C8V2- Datasheet
144Kb / 8P
Small Signal Zener Diodes
08-Dec-11
logo
Diodes Incorporated
BZX84C8V2-7-F DIODES-BZX84C8V2-7-F Datasheet
447Kb / 4P
350mW SURFACE MOUNT ZENER DIODE
DS18001 Rev. 25 - 2
logo
Pan Jit International I...
BZX84C8V2-AU PANJIT-BZX84C8V2-AU Datasheet
292Kb / 6P
SURFACE MOUNT SILICON ZENER DIODES
logo
Texas Instruments
BZX84C8V2-Q1 TI-BZX84C8V2-Q1 Datasheet
754Kb / 13P
BZX84Cx-Q1 Automotive Zener Voltage Regulator Diode in SOT-23
DECEMBER 2024
BZX84C8V2-Q1 TI2-BZX84C8V2-Q1 Datasheet
774Kb / 14P
BZX84Cx Zener Voltage Regulator Diodes in SOT-23
DECEMBER 2024
More results


Similar Description - BZX84C8V2-G

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
1N5221 SEMTECH-1N5221 Datasheet
296Kb / 3P
SILICON PLANAR ZENER DIODES
logo
General Semiconductor
ZMM1 GE-ZMM1 Datasheet
351Kb / 8P
Silicon Planar Zener Diodes
logo
GOOD-ARK Electronics
1N746 GOOD-ARK-1N746 Datasheet
33Kb / 3P
SILICON PLANAR ZENER DIODES
logo
Chongqing Pingwei Enter...
BZV85C2V7 CHONGQING-BZV85C2V7 Datasheet
61Kb / 3P
SILICON PLANAR ZENER DIODES
logo
SEMTECH ELECTRONICS LTD...
BZX84B2V4 SEMTECH_ELEC-BZX84B2V4 Datasheet
228Kb / 3P
SILICON PLANAR ZENER DIODES
logo
Zowie Technology Corpor...
MM3Z5221BH ZOWIE-MM3Z5221BH Datasheet
190Kb / 3P
SILICON PLANAR ZENER DIODES
logo
Shenzhen Jin Yu Semicon...
MM1Z2V0 HTSEMI-MM1Z2V0 Datasheet
236Kb / 4P
SILICON PLANAR ZENER DIODES
MM3Z2V2B HTSEMI-MM3Z2V2B Datasheet
675Kb / 4P
Silicon Planar Zener Diodes
ZMM1 HTSEMI-ZMM1 Datasheet
1Mb / 8P
SILICON PLANAR ZENER DIODES
logo
Continental Device Indi...
BZX85C2V7 CDIL-BZX85C2V7 Datasheet
108Kb / 3P
SILICON PLANAR ZENER DIODES
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com