Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CSC11A Datasheet (PDF) - Vishay Siliconix

CSC11A Datasheet PDF - Vishay Siliconix
Part # CSC11A
Download  CSC11A Download
File Size   401.06 Kbytes
Page   6 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Thick Film Resistor Networks, Single-In-Line, Conformal Coated SIP

CSC11A Datasheet (PDF)

Go To PDF Page Download Datasheet
CSC11A Datasheet PDF - Vishay Siliconix

Part # CSC11A
Download  CSC11A Click to download

File Size   401.06 Kbytes
Page   6 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Thick Film Resistor Networks, Single-In-Line, Conformal Coated SIP

CSC11A Datasheet (HTML) - Vishay Siliconix


CSC11A Product details

• Isolated, bussed and dual terminator
schematics available
• Body height: “A” profile = 0.195" (4.95 mm) and
“B” profile = 0.295" (7.50 mm) standard; custom
“C” profile = 0.350" (8.89 mm) also available
• “A” profile standard in 4 thru 12 pins
• Thick film resistive elements
• Reduces total assembly costs
• Resistor elements protected by tough epoxy conformal
coating
• Wide resistance range (10  to 2.2 M)
• Available in bulk pack as standard; optional tube pack is
also available
• Meets EIA/ECA-CB23 rev. G whisker test requirements for
class 1A products




Similar Part No. - CSC11A

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
CSC11A VISHAY-CSC11A Datasheet
195Kb / 4P
Thick Film Resistor Networks Single-In-Line, Coated SIP 01, 03, 05 Schematics
02-Aug-02
More results


Similar Description - CSC11A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
NRN7LB184 ETC1-NRN7LB184 Datasheet
147Kb / 2P
SINGLE-IN-LINE SIP RESISTOR NETWORKS CONFORMAL COATED LOW PROFILE
logo
Bi technologies
BH85331F BITECH-BH85331F Datasheet
56Kb / 4P
High Profile SIP Thick Film Conformal Coated Resistor Networks
M85331JXX BITECH-M85331JXX Datasheet
55Kb / 4P
Thick Film Low Profile SIP Conformal Coated Resistor Networks
logo
Vishay Siliconix
CS201 VISHAY-CS201_08 Datasheet
106Kb / 3P
Capacitor Networks, Single-In-Line,Conformal Coated SIP,
07-Aug-08
MSP08C036K80GEJ VISHAY-MSP08C036K80GEJ Datasheet
402Kb / 5P
Thick Film Resistor Networks, Single-In-Line, Molded SIP
10-Jun-10
logo
Bi technologies
L101C331 BITECH-L101C331 Datasheet
62Kb / 5P
Thick Film Low Profile SIP Conformal Coated Resistor Networks
L103C330 BITECH-L103C330 Datasheet
62Kb / 5P
Thick Film Low Profile SIP Conformal Coated Resistor Networks
logo
Vishay Siliconix
CSC10A01560RGEK VISHAY-CSC10A01560RGEK Datasheet
397Kb / 6P
Thick Film Resistor Networks, Single-In-Line, Conformal Coated SIP
03-May-13
MSP VISHAY-MSP_17 Datasheet
101Kb / 5P
Thick Film Resistor Networks, Single-In-Line, Molded SIP
13-Feb-15
TRC VISHAY-TRC Datasheet
85Kb / 3P
Thick Film Resistor/Capacitor Networks, Single-In-Line, Conformal Coated SIP
23-Jan-13
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com