Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

W6810IE Datasheet (PDF) - Winbond

W6810IE Datasheet PDF - Winbond
Part # W6810IE
Download  W6810IE Download
File Size   405.75 Kbytes
Page   36 Pages
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond
Description SINGLE-CHANNEL VOICEBAND CODEC

W6810IE Datasheet (PDF)

Go To PDF Page Download Datasheet
W6810IE Datasheet PDF - Winbond

Part # W6810IE
Download  W6810IE Click to download

File Size   405.75 Kbytes
Page   36 Pages
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond
Description SINGLE-CHANNEL VOICEBAND CODEC

W6810IE Datasheet (HTML) - Winbond


W6810IE Product details

1. GENERAL DESCRIPTION

The W6810 is a general-purpose single channel PCM CODEC with pin-selectable μ-Law or A-Law companding. The device is compliant with the ITU G.712 specification. It operates off of a single +5V power supply and is available in 20-pin PDIP, SOG, SSOP, and TSSOP package options. Functions performed include digitization and reconstruction of voice signals, and band limiting and smoothing filters required for PCM systems. The filters are compliant with ITU G.712 specification. W6810 performance is specified over the industrial temperature range of –40°C to +85°C.



2. FEATURES

• Single +5V power supply

• Typical power dissipation of 25 mW, power-down mode of 0.5 μW

• Fully-differential analog circuit design

• On-chip precision reference of 1.575 V for a 0 dBm TLP at 600 Ω (775mVRMS)

• Push-pull power amplifiers with external gain adjustment with 300 Ω load capability

• Seven master clock rates of 256 kHz to 4.096 MHz

• Pin-selectable μ-Law and A-Law companding (compliant with ITU G.711)

• CODEC A/D and D/A filtering compliant with ITU G.712

• Industrial temperature range (–40°C to +85°C)

• Four packages: 20-pin PDIP, SOG, SSOP, and TSSOP

• Pb-Free / RoHS package options available



ApplIcations

• Digital Telephone Systems

• Central Office Equipment (Gateways, Switches, Routers)

• PBX Systems (Gateways, Switches)

• PABX/SOHO Systems

• Local Loop card

• SOHO Routers

• VoIP Terminals

• Enterprise Phones

• ISDN Terminals

• Analog line cards

• Digital Voice Recorders




Similar Part No. - W6810IE

ManufacturerPart #DatasheetDescription
logo
Winbond
W6810IE WINBOND-W6810IE Datasheet
328Kb / 37P
SINGLE-CHANNEL VOICEBAND CODEC
W6810IEG WINBOND-W6810IEG Datasheet
328Kb / 37P
SINGLE-CHANNEL VOICEBAND CODEC
More results


Similar Description - W6810IE

ManufacturerPart #DatasheetDescription
logo
Winbond
W6811 WINBOND-W6811 Datasheet
457Kb / 37P
SINGLE-CHANNEL VOICEBAND CODEC
W681511 WINBOND-W681511 Datasheet
406Kb / 34P
SINGLE-CHANNEL VOICEBAND CODEC
W681512 WINBOND-W681512 Datasheet
316Kb / 38P
SINGLE-CHANNEL VOICEBAND CODEC
W6810 WINBOND-W6810_06 Datasheet
328Kb / 37P
SINGLE-CHANNEL VOICEBAND CODEC
W6811 WINBOND-W6811_05 Datasheet
598Kb / 37P
SINGLE-CHANNEL VOICEBAND CODEC
W681310 WINBOND-W681310_07 Datasheet
324Kb / 38P
3V SINGLE-CHANNEL VOICEBAND CODEC
W681511 WINBOND-W681511_05 Datasheet
520Kb / 33P
SINGLE-CHANNEL VOICEBAND CODEC
logo
List of Unclassifed Man...
W681511SG ETC2-W681511SG Datasheet
283Kb / 32P
SINGLE-CHANNEL VOICEBAND CODEC
logo
Nuvoton Technology Corp...
W681511 NUVOTON-W681511 Datasheet
931Kb / 32P
SINGLE-CHANNEL VOICEBAND CODEC
W681512 NUVOTON-W681512 Datasheet
942Kb / 34P
SINGLE-CHANNEL VOICEBAND CODEC
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com