Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MC68HC711P2CFS4 Datasheet (PDF) - Motorola, Inc

MC68HC711P2CFS4 Datasheet PDF - Motorola, Inc
Part # MC68HC711P2CFS4
Download  MC68HC711P2CFS4 Download
File Size   1379.39 Kbytes
Page   268 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description Microcontrollers

MC68HC711P2CFS4 Datasheet (PDF)

Go To PDF Page Download Datasheet
MC68HC711P2CFS4 Datasheet PDF - Motorola, Inc

Part # MC68HC711P2CFS4
Download  MC68HC711P2CFS4 Click to download

File Size   1379.39 Kbytes
Page   268 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description Microcontrollers

MC68HC711P2CFS4 Datasheet (HTML) - Motorola, Inc


MC68HC711P2CFS4 Product details

Introduction
The MC68HC11P2 8-bit microcomputer is a member of the M68HC11 family of HCMOS microcomputers. In addition to 32kbytes of ROM, the MC68HC11P2 contains 1kbyte of RAM and 640 bytes of EEPROM. With its advanced timer and communication features (including MI BUS(1)) the MC68HC11P2 is especially suitable for mobile communications and automotive applications.

Features
• Low power, high performance M68HC11 CPU core, with 4MHz bus capability
• Power saving PLL clock circuit, with automatic disable during WAIT mode
• 32kbytes of User ROM (MC68HC11P2); 32kbytes User EPROM (MC68HC711P2)
• 1kbyte of RAM
• 640 bytes of byte-erasable User EEPROM, with on-chip charge pump
• Up to 50 general purpose I/O lines, plus up to 12 input-only lines
• Non-multiplexed address and data buses, permitting direct access to the full 64k address map
• 16-bit timer with 3/4 input captures and 4/5 output compares; pulse accumulator and COP watchdog timer
• Three 8- or 9-bit SCI subsystems, two with MI BUS† capability
• SPI subsystem, with software selectable MSB/LSB first option
• 8-channel, 8-bit analog-to-digital (A/D) converter
• Four 8-bit PWM timer channels (may be concatenated to form one, or two, 16-bit channels)
• Available in 84-pin PLCC or 84-pin CERQUAD packages




Similar Part No. - MC68HC711P2CFS4

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC68HC711P2CFS4 FREESCALE-MC68HC711P2CFS4 Datasheet
2Mb / 268P
Microcontrollers
MC68HC711P2CFS4 FREESCALE-MC68HC711P2CFS4 Datasheet
1Mb / 268P
Low power, high performance M68HC11 CPU core, with 4MHz bus capability
More results


Similar Description - MC68HC711P2CFS4

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
M68HC08 MOTOROLA-M68HC08 Datasheet
2Mb / 230P
Microcontrollers
MC68HC705J1A MOTOROLA-MC68HC705J1A Datasheet
1Mb / 162P
Microcontrollers
logo
Freescale Semiconductor...
MC9S12C FREESCALE-MC9S12C Datasheet
3Mb / 680P
Microcontrollers
MC3S12RG128 FREESCALE-MC3S12RG128 Datasheet
2Mb / 546P
Microcontrollers
MC9S12KG128 FREESCALE-MC9S12KG128 Datasheet
2Mb / 600P
Microcontrollers
MC68HC05P4A FREESCALE-MC68HC05P4A Datasheet
404Kb / 72P
Microcontrollers
MC68HC08AZ32A FREESCALE-MC68HC08AZ32A Datasheet
2Mb / 312P
Microcontrollers
MC68HC08AZ60A FREESCALE-MC68HC08AZ60A Datasheet
4Mb / 480P
Microcontrollers
MC68HC08JL3 FREESCALE-MC68HC08JL3_05 Datasheet
2Mb / 198P
Microcontrollers
MC68HC908AP64 FREESCALE-MC68HC908AP64_07 Datasheet
3Mb / 324P
Microcontrollers
More results




About Motorola, Inc


Motorola, Inc. was an American multinational telecommunications company that was founded in 1928. It was headquartered in Schaumburg, Illinois and was one of the largest providers of mobile phones, telecommunication equipment, and semiconductors. Throughout its history, Motorola was known for its innovation in the field of telecommunications, including the development of the world's first commercially available cellular telephone, the DynaTAC, and the world's first two-way pager, the Pageboy.

In 2011, Motorola split into two separate companies: Motorola Mobility and Motorola Solutions. Motorola Mobility was later acquired by Google in 2012, and is now a subsidiary of Lenovo. Motorola Solutions focuses on public safety and commercial and industrial communication solutions. The company provides a wide range of products including two-way radios, mobile computing devices, and network infrastructure equipment.

Motorola was one of the pioneers of the mobile phone industry and has a rich history of innovation and technological advancements. The company's legacy continues through its subsidiaries and its technology and products continue to be used around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com