Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SM05T1G Datasheet (PDF) - ON Semiconductor

SM05T1G Datasheet PDF - ON Semiconductor
Part # SM05T1G
Download  SM05T1G Download
File Size   96.25 Kbytes
Page   5 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Transient Voltage Suppressor Diode Array

SM05T1G Datasheet (PDF)

Go To PDF Page Download Datasheet
SM05T1G Datasheet PDF - ON Semiconductor

Part # SM05T1G
Download  SM05T1G Click to download

File Size   96.25 Kbytes
Page   5 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Transient Voltage Suppressor Diode Array

SM05T1G Datasheet (HTML) - ON Semiconductor


SM05T1G Product details

Transient Voltage Suppressor Diode Array
SOT−23 Dual Common Anode Diodes for ESD Protection

These dual monolithic silicon TVS diodes are designed for applications requiring transient overvoltage protection capability. They are intended for use in voltage and ESD sensitive equipment such as computers, printers, business machines, communication systems, medical equipment and other applications. Their dual junction common anode design protects two separate lines using only one package. These devices are ideal for situations where board space is at a premium. Specification Features:

• SOT−23 Package Allows Either Two Separate Unidirectional Configurations or a Single Bidirectional Configuration
• Working Peak Reverse Voltage Range − 5.0 V to 24 V
• Peak Power − 300 Watt (8 X 20 s)
• Low Leakage
• Flammability Rating UL 94 V−0
• These are Pb−Free Devices




Similar Part No. - SM05T1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
SM05T1G ONSEMI-SM05T1G Datasheet
109Kb / 5P
Transient Voltage Suppressor Diode Array
July, 2011 ??Rev. 4
logo
Guangdong Youtai Semico...
SM05T1G UMW-SM05T1G Datasheet
341Kb / 5P
SOT−23 Package Allows Either Two Separate Unidirectional Configurations or a Single Bidirectional Configuration
SM05T1G UMW-SM05T1G Datasheet
341Kb / 5P
SOT−23 Package Allows Either Two Separate Unidirectional Configurations or a Single Bidirectional Configuration
logo
TECH PUBLIC Electronics...
SM05T1G-TP TECHPUBLIC-SM05T1G-TP Datasheet
977Kb / 4P
TVS Diode Array
More results


Similar Description - SM05T1G

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
SMDA05C-8 GE-SMDA05C-8 Datasheet
40Kb / 2P
SURFACE MOUNT DIODE ARRAY TRANSIENT VOLTAGE SUPPRESSOR
logo
ON Semiconductor
SD05T1 ONSEMI-SD05T1 Datasheet
91Kb / 4P
Transient Voltage Suppressor Diode
January, 2005 ??Rev. 1
SM05T1 ONSEMI-SM05T1 Datasheet
56Kb / 6P
Transient Voltage Suppressor Diode Array
June, 2003 - Rev. 0
NUP3112UPMU ONSEMI-NUP3112UPMU Datasheet
141Kb / 3P
Quad Transient Voltage Suppressor Array
June, 2008??Rev. 0
NUP4012PXV6 ONSEMI-NUP4012PXV6 Datasheet
140Kb / 4P
Quad Transient Voltage Suppressor Array
August, 2009??Rev. 1
NUP4212UPMU ONSEMI-NUP4212UPMU Datasheet
145Kb / 4P
Quad Transient Voltage Suppressor Array
August, 2009??Rev. 1
SM05T1 ONSEMI-SM05T1_11 Datasheet
109Kb / 5P
Transient Voltage Suppressor Diode Array
July, 2011 ??Rev. 4
NUP4012PMU ONSEMI-NUP4012PMU Datasheet
140Kb / 3P
Quad Transient Voltage Suppressor Array
November, 2008??Rev. 1
logo
Infineon Technologies A...
ESD5V3U4U-HDMI INFINEON-ESD5V3U4U-HDMI_12 Datasheet
1Mb / 17P
Transient Voltage Suppressor Diode
Revision 1.1, 2012-07-03
logo
ON Semiconductor
NUP3112UPMU ONSEMI-NUP3112UPMU_14 Datasheet
76Kb / 4P
Quad Transient Voltage Suppressor Array
April, 2014??Rev. 1
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com