Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MC14539B Datasheet (PDF) - Motorola, Inc

MC14539B Datasheet PDF - Motorola, Inc
Part # MC14539B
Download  MC14539B Download
File Size   83.96 Kbytes
Page   6 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description Dual 4-Channel Data Selector

MC14539B Datasheet (PDF)

Go To PDF Page Download Datasheet
MC14539B Datasheet PDF - Motorola, Inc

Part # MC14539B
Download  MC14539B Click to download

File Size   83.96 Kbytes
Page   6 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description Dual 4-Channel Data Selector

MC14539B Datasheet (HTML) - Motorola, Inc


MC14539B Product details

Dual 4-Channel Data Selector/Multiplexer

The MC14539B data selector/multiplexer is constructed with MOS P–channel and N–channel enhancement mode devices in a single monolithic structure. The circuit consists of two sections of four inputs each. One input from each section is selected by the address inputs A and B. A “high” on the Strobe input will cause the output to remain “low”.
This device finds primary application in signal multiplexing functions. It permits multiplexing from N–lines to I–line, and can also perform parallel–to–serial conversion. The Strobe input allows cascading of n–lines to n–lines.

• Supply Voltage Range = 3.0 Vdc to 18 Vdc
• Capable of Driving Two Low–Power TTL Loads or One Low–Power
    Schottky TTL Load Over the Rated Temperature Range




Similar Part No. - MC14539B

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC14530B MOTOROLA-MC14530B Datasheet
220Kb / 7P
DUAL 5-INPUT MAJORITY LOGIC GATE
MC14530BCL MOTOROLA-MC14530BCL Datasheet
220Kb / 7P
DUAL 5-INPUT MAJORITY LOGIC GATE
MC14530BCP MOTOROLA-MC14530BCP Datasheet
220Kb / 7P
DUAL 5-INPUT MAJORITY LOGIC GATE
MC14530BD MOTOROLA-MC14530BD Datasheet
220Kb / 7P
DUAL 5-INPUT MAJORITY LOGIC GATE
MC145310 MOTOROLA-MC145310 Datasheet
39Kb / 1P
Tone/Pulse dialler with flash
More results


Similar Description - MC14539B

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
HCC4529B STMICROELECTRONICS-HCC4529B Datasheet
241Kb / 10P
ANALOG DATA SELECTOR DUAL 4-CHANNEL OR SINGLE 8-CHANNEL
Sep-1988
logo
System Logic Semiconduc...
SL74HC153 SLS-SL74HC153 Datasheet
52Kb / 5P
Dual 4-Input Data Selector/Multiplexer
logo
Fairchild Semiconductor
DM74S153 FAIRCHILD-DM74S153 Datasheet
47Kb / 4P
Dual 1-of-4 Line Data Selector/Multiplexer
logo
Hitachi Semiconductor
HD14529B HITACHI-HD14529B Datasheet
85Kb / 6P
DUAL 4 CHANNEL ANALOG DATA SELECTOR
logo
Integral Corp.
IN74ACT153 INTEGRAL-IN74ACT153 Datasheet
216Kb / 5P
DUAL 4-INPUT DATA SELECTOR/MULTIPLEXER
IN74HCT153 INTEGRAL-IN74HCT153 Datasheet
149Kb / 5P
DUAL 4-INPUT DATA SELECTOR/MULTIPLEXER
logo
Motorola, Inc
MC74HC153 MOTOROLA-MC74HC153 Datasheet
180Kb / 5P
Dual 4-Input Data Selector/Multiplexer
logo
Texas Instruments
74AC11153 TI1-74AC11153 Datasheet
105Kb / 8P
DUAL 1-OF-4 DATA SELECTOR/MULTIPLEXER
74ACT11153 TI1-74ACT11153 Datasheet
85Kb / 5P
DUAL 1 OF 4 DATA SELECTOR/MULTIPLEXER
logo
ON Semiconductor
MC74HC153A ONSEMI-MC74HC153A Datasheet
133Kb / 6P
Dual 4-Input Data Selector/Multiplexer
May, 2013 ??Rev. 1
More results




About Motorola, Inc


Motorola, Inc. was an American multinational telecommunications company that was founded in 1928. It was headquartered in Schaumburg, Illinois and was one of the largest providers of mobile phones, telecommunication equipment, and semiconductors. Throughout its history, Motorola was known for its innovation in the field of telecommunications, including the development of the world's first commercially available cellular telephone, the DynaTAC, and the world's first two-way pager, the Pageboy.

In 2011, Motorola split into two separate companies: Motorola Mobility and Motorola Solutions. Motorola Mobility was later acquired by Google in 2012, and is now a subsidiary of Lenovo. Motorola Solutions focuses on public safety and commercial and industrial communication solutions. The company provides a wide range of products including two-way radios, mobile computing devices, and network infrastructure equipment.

Motorola was one of the pioneers of the mobile phone industry and has a rich history of innovation and technological advancements. The company's legacy continues through its subsidiaries and its technology and products continue to be used around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com