Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NTE1377 Datasheet (PDF) - NTE Electronics

NTE1377 Datasheet PDF - NTE Electronics
Part # NTE1377
Download  NTE1377 Download
File Size   23.05 Kbytes
Page   2 Pages
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics
Description Integrated Circuit AF Power Amplifier, 6W/Channel

NTE1377 Datasheet (PDF)

Go To PDF Page Download Datasheet
NTE1377 Datasheet PDF - NTE Electronics

Part # NTE1377
Download  NTE1377 Click to download

File Size   23.05 Kbytes
Page   2 Pages
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics
Description Integrated Circuit AF Power Amplifier, 6W/Channel

NTE1377 Datasheet (HTML) - NTE Electronics


NTE1377 Product details

Features:

• Built–In 2 Channels (Dual) Enabling use in Stereo and Bridge Amplifier Applications

   Dual: 6W x 2 Typ

   Bridge: 19W Typ

• Minimum Number of External Parts Required

• Low Pop Noise during Power Supply ON/OFF and Good Starting Balance

• Good Ripple Rejection: 46dB Typ

• Good Channel Separation

• Low Residual Noise (Rg = 0)

• Low Distortion over a Wide Range of Low to High Frequencies

• Built–In Audio Muting Function

• Built–In Protectors:

   a. Thermal Protection

   b. Overvoltage, Surge Voltage Protection

   c. Pin–to–Pin Short Protection



 




Similar Part No. - NTE1377

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE1370 NTE-NTE1370 Datasheet
23Kb / 2P
Integrated Circuit Audio Power Amplifier, 5.8W, for Car Radio
NTE1371 NTE-NTE1371 Datasheet
77Kb / 2P
Integrated Circuit Dual, Audio Power Amp, 5.3W/Ch
NTE1373 NTE-NTE1373 Datasheet
84Kb / 3P
Integrated Circuit Dual Audio Power Amplifier Circuit, 7.5W
NTE1375 NTE-NTE1375 Datasheet
20Kb / 2P
Integrated Circuit Audio Power Amp for Car Radio, 5.8W
NTE1376 NTE-NTE1376 Datasheet
24Kb / 3P
Integrated Circuit Audio Power Amplifier, 22W
More results


Similar Description - NTE1377

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE1009 NTE-NTE1009 Datasheet
18Kb / 2P
Integrated Circuit AF Power Amplifier, 1W
NTE1317 NTE-NTE1317 Datasheet
23Kb / 2P
Integrated Circuit Module, 2 Power, 2 Channel, AF Power Amplifier, 50W Min.
NTE1798 NTE-NTE1798 Datasheet
21Kb / 2P
Integrated Circuit Dual, AF PO, 6W/Ch
NTE1816 NTE-NTE1816 Datasheet
23Kb / 2P
Integrated Circuit Module, Dual AF PO, 6W/Ch Dual Power Supplies Req?셝
NTE1819 NTE-NTE1819 Datasheet
23Kb / 2P
Integrated Circuit Module, AF Power Amplifier, 30W/Ch
NTE7070 NTE-NTE7070 Datasheet
20Kb / 2P
Integrated Circuit Dual Audio Power Amplifier, 6W/Ch
NTE7101 NTE-NTE7101 Datasheet
22Kb / 2P
Integrated Circuit AF Power Amplifier, 7W
logo
Sanyo Semicon Device
LA4270 SANYO-LA4270 Datasheet
324Kb / 10P
6W Dual-Channel AF Power Amp
STK4102II SANYO-STK4102II Datasheet
307Kb / 8P
AF Power Amplifier (Split Power Supply) (6W 6W min, THD = 0.4%)
logo
NTE Electronics
NTE1707 NTE-NTE1707 Datasheet
82Kb / 4P
Integrated Circuit AF Power Amp, 5.5W/Channel
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com