Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NTE15038 Datasheet (PDF) - NTE Electronics

NTE15038 Datasheet PDF - NTE Electronics
Part # NTE15038
Download  NTE15038 Download
File Size   23.04 Kbytes
Page   3 Pages
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics
Description Integrated Circuit Chroma Signal Proessor for VHS VCR

NTE15038 Datasheet (PDF)

Go To PDF Page Download Datasheet
NTE15038 Datasheet PDF - NTE Electronics

Part # NTE15038
Download  NTE15038 Click to download

File Size   23.04 Kbytes
Page   3 Pages
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics
Description Integrated Circuit Chroma Signal Proessor for VHS VCR

NTE15038 Datasheet (HTML) - NTE Electronics


NTE15038 Product details

Features:
● Adjustment–Free 3.58MHz VXO Free–Running OSC Frequency, 160fH VCO Free–Running OSC Frequency, Carrier Leak, PB Chroma Level, except REC Chroma Level.
● Multifunctional:
    2fSC Generator for CCD Drive
    PB Chroma (629K) Level Compensation Amp
    Function to Select APC Loop Input Signal Passed/Not Passed Through Comb Filter
    BGP Output
    3rd Lock Protector of 3.58MHz OSC
● LPF Usable for REC/PB
● Capable of Being Operated from 5V Supply
● Current Dissipation: 48mA at REC mode
                                    50mA at PB mode
● Few External Components Required




Similar Part No. - NTE15038

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE1503 NTE-NTE1503 Datasheet
20Kb / 2P
Integrated Circuit 5-Step LED Driver Circuit for Logarithmic Response
NTE15030 NTE-NTE15030 Datasheet
22Kb / 3P
Integrated Circuit CMOS, Color Processing Circuit for VCR
NTE15031 NTE-NTE15031 Datasheet
19Kb / 2P
Integrated Circuit Module, Hybrid, Dual Audio Power Amp, 18W/Ch, Dual Power Supplies
NTE15032 NTE-NTE15032 Datasheet
22Kb / 2P
Integrated Circuit TV Fixed Voltage Regulator
NTE15033 NTE-NTE15033 Datasheet
22Kb / 2P
Integrated Circuit TV Fixed Voltage Regulator
More results


Similar Description - NTE15038

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M52057FP MITSUBISHI-M52057FP Datasheet
617Kb / 10P
VHS SYSTEM VCR CHROMA SIGNAL PROCESSOR???
logo
NTE Electronics
NTE15039 NTE-NTE15039 Datasheet
23Kb / 3P
Integrated Circuit VHS/VCR Chroma Signal Proessor for NTSC/PAL/SECAM Systems
NTE1813 NTE-NTE1813 Datasheet
25Kb / 2P
Integrated Circuit Color Signal Processor for VCR
logo
Toshiba Semiconductor
TA1246F TOSHIBA-TA1246F Datasheet
2Mb / 74P
HI-FI AUDIO SIGNAL PROCESSOR FOR VHS VCR
logo
Rohm
BA7107 ROHM-BA7107 Datasheet
349Kb / 6P
SECAM chroma signal processor for VHS VCRs
BA7207AS ROHM-BA7207AS Datasheet
250Kb / 17P
SECAM chroma signal processor for VHS VCRs
logo
Sanyo Semicon Device
LA7316A-N SANYO-LA7316A-N Datasheet
127Kb / 5P
VCR VHS Chroma Signal Processor
LA7330 SANYO-LA7330 Datasheet
235Kb / 5P
Chroma Signal Processor for VHS VTR Use
LA7337 SANYO-LA7337 Datasheet
123Kb / 7P
SECAM-Format VCR Chroma Signal-Processing Circuit
LA70100M SANYO-LA70100M_07 Datasheet
285Kb / 16P
SECAM Chroma-Signal Processor IC for VCR
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com