Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MMSZ5249B Datasheet (PDF) - Foshan Blue Rocket Electronics Co.,Ltd.

MMSZ5249B Datasheet PDF - Foshan Blue Rocket Electronics Co.,Ltd.
Part # MMSZ5249B
Download  MMSZ5249B Download
File Size   500.93 Kbytes
Page   7 Pages
Manufacturer  FOSHAN [Foshan Blue Rocket Electronics Co.,Ltd.]
Direct Link  http://www.fsbrec.com/
Logo FOSHAN - Foshan Blue Rocket Electronics Co.,Ltd.
Description Zener Diode in a SOD-123 Plastic Package.

MMSZ5249B Datasheet (PDF)

Go To PDF Page Download Datasheet
MMSZ5249B Datasheet PDF - Foshan Blue Rocket Electronics Co.,Ltd.

Part # MMSZ5249B
Download  MMSZ5249B Click to download

File Size   500.93 Kbytes
Page   7 Pages
Manufacturer  FOSHAN [Foshan Blue Rocket Electronics Co.,Ltd.]
Direct Link  http://www.fsbrec.com/
Logo FOSHAN - Foshan Blue Rocket Electronics Co.,Ltd.
Description Zener Diode in a SOD-123 Plastic Package.

MMSZ5249B Datasheet (HTML) - Foshan Blue Rocket Electronics Co.,Ltd.


MMSZ5249B Product details

Descriptions
Zener Diode in a SOD-123 Plastic Package.

Features
    Wide zener reverse voltage range 1.8V-110V,Maximum PD to 500mW.

Applications
    Design for 500mW SOD-123 surface mount.




Similar Part No. - MMSZ5249B

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MMSZ5249B FAIRCHILD-MMSZ5249B Datasheet
158Kb / 5P
5% TOLERANCE
MMSZ5249B FAIRCHILD-MMSZ5249B Datasheet
48Kb / 3P
Zeners
logo
TAITRON Components Inco...
MMSZ5249B TAITRON-MMSZ5249B Datasheet
203Kb / 6P
500mW Two Terminals SMD Zener Diodes
logo
Taiwan Semiconductor Co...
MMSZ5249B TSC-MMSZ5249B Datasheet
124Kb / 3P
500mW, 5% Tolerance SMD Zener Diode
logo
Pan Jit International I...
MMSZ5249B PANJIT-MMSZ5249B Datasheet
107Kb / 4P
SURFACE MOUNT SILICON ZENER DIODES
More results


Similar Description - MMSZ5249B

ManufacturerPart #DatasheetDescription
logo
Foshan Blue Rocket Elec...
BZT52B4V7 FOSHAN-BZT52B4V7 Datasheet
629Kb / 7P
Zener Diode in a SOD-123 Plastic Package.
BZT52B5V6 FOSHAN-BZT52B5V6 Datasheet
629Kb / 7P
Zener Diode in a SOD-123 Plastic Package.
BZT52B6V8 FOSHAN-BZT52B6V8 Datasheet
629Kb / 7P
Zener Diode in a SOD-123 Plastic Package.
BZT52B24 FOSHAN-BZT52B24 Datasheet
629Kb / 7P
Zener Diode in a SOD-123 Plastic Package.
BZT52B36 FOSHAN-BZT52B36 Datasheet
629Kb / 7P
Zener Diode in a SOD-123 Plastic Package.
BZT52C13 FOSHAN-BZT52C13 Datasheet
656Kb / 7P
Zener Diode in a SOD-123 Plastic Package.
BZT52C15 FOSHAN-BZT52C15 Datasheet
656Kb / 7P
Zener Diode in a SOD-123 Plastic Package.
BZT52C20 FOSHAN-BZT52C20 Datasheet
656Kb / 7P
Zener Diode in a SOD-123 Plastic Package.
BZT52C27 FOSHAN-BZT52C27 Datasheet
656Kb / 7P
Zener Diode in a SOD-123 Plastic Package.
BZT52C2V7 FOSHAN-BZT52C2V7 Datasheet
656Kb / 7P
Zener Diode in a SOD-123 Plastic Package.
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com