Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TSFF5410 Datasheet (PDF) - Vishay Siliconix

TSFF5410 Datasheet PDF - Vishay Siliconix
Part # TSFF5410_11
Download  TSFF5410 Download
File Size   110.64 Kbytes
Page   5 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description High Speed Infrared Emitting Diode, 870 nm, GaAlAs Double Hetero

TSFF5410 Datasheet (PDF)

Go To PDF Page Download Datasheet
TSFF5410 Datasheet PDF - Vishay Siliconix

Part # TSFF5410_11
Download  TSFF5410 Click to download

File Size   110.64 Kbytes
Page   5 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description High Speed Infrared Emitting Diode, 870 nm, GaAlAs Double Hetero

TSFF5410 Datasheet (HTML) - Vishay Siliconix


TSFF5410 Product details

• Package type: leaded
• Package form: T-1¾
• Dimensions (in mm): Ø 5
• Leads with stand-off
• Peak wavelength: λp = 870 nm
• High reliability
• High radiant power
• High radiant intensity
• Angle of half intensity: φ = ± 22°
• Low forward voltage
• Suitable for high pulse current operation
• High modulation bandwidth: fc = 24 MHz
• Good spectral matching to Si photodetectors
• Compliant to RoHS Directive 2002/95/EC and in
accordance to WEEE 2002/96/EC




Similar Part No. - TSFF5410_11

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TSFF5410 VISHAY-TSFF5410_08 Datasheet
109Kb / 5P
High Speed Infrared Emitting Diode, RoHS Compliant, 870 nm, GaAlAs Double Hetero
21-Jul-08
TSFF5410 VISHAY-TSFF5410_09 Datasheet
111Kb / 5P
High Speed Infrared Emitting Diode, 870 nm, GaAlAs Double Hetero
29-Jun-09
TSFF5410 VISHAY-TSFF5410_V01 Datasheet
108Kb / 5P
High Speed Infrared Emitting Diode, 870 nm, GaAlAs Double Hetero
24-Aug-11
TSFF5410 VISHAY-TSFF5410_V02 Datasheet
108Kb / 5P
High Speed Infrared Emitting Diode, 870 nm, GaAlAs Double Hetero
24-Aug-11
More results


Similar Description - TSFF5410_11

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TSHA550 VISHAY-TSHA550 Datasheet
138Kb / 7P
High Speed Infrared Emitting Diode, 870 nm, GaAlAs Double Hetero
07-Apr-04
TSHF5200 VISHAY-TSHF5200 Datasheet
142Kb / 6P
High Speed Infrared Emitting Diode, 870 nm, GaAlAs Double Hetero
08-Mar-05
TSFF5210 VISHAY-TSFF5210 Datasheet
113Kb / 6P
High Speed Infrared Emitting Diode, 870 nm, GaAlAs Double Hetero
28-Nov-06
TSMF3710 VISHAY-TSMF3710 Datasheet
129Kb / 8P
High Speed Infrared Emitting Diode, 870 nm, GaAlAs Double Hetero
21-Feb-07
TSFF5510 VISHAY-TSFF5510 Datasheet
106Kb / 6P
High Speed Infrared Emitting Diode, 870 nm, GaAlAs Double Hetero
07-Feb-08
TSFF5510 VISHAY-TSFF5510_V01 Datasheet
96Kb / 5P
High Speed Infrared Emitting Diode, 870 nm, GaAlAs Double Hetero
23-Aug-11
TSFF6210 VISHAY-TSFF6210_V01 Datasheet
108Kb / 5P
High Speed Infrared Emitting Diode, 870 nm, GaAlAs Double Hetero
24-Aug-11
VSMF4720 VISHAY-VSMF4720_V01 Datasheet
143Kb / 6P
High Speed Infrared Emitting Diode, 870 nm, GaAlAs Double Hetero
15-Jul-2020
TSFF6410 VISHAY-TSFF6410_V01 Datasheet
103Kb / 5P
High Speed Infrared Emitting Diode, 870 nm, GaAlAs Double Hetero
15-Apr-15
TSFF5210 VISHAY-TSFF5210_V02 Datasheet
112Kb / 5P
High Speed Infrared Emitting Diode, 870 nm, GaAlAs Double Hetero
24-Aug-11
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com