Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TSHG5410 Datasheet (PDF) - Vishay Siliconix

TSHG5410 Datasheet PDF - Vishay Siliconix
Part # TSHG5410_11
Download  TSHG5410 Download
File Size   110.08 Kbytes
Page   5 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description High Speed Infrared Emitting Diode, 850 nm, GaAlAs Double Hetero

TSHG5410 Datasheet (PDF)

Go To PDF Page Download Datasheet
TSHG5410 Datasheet PDF - Vishay Siliconix

Part # TSHG5410_11
Download  TSHG5410 Click to download

File Size   110.08 Kbytes
Page   5 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description High Speed Infrared Emitting Diode, 850 nm, GaAlAs Double Hetero

TSHG5410 Datasheet (HTML) - Vishay Siliconix


TSHG5410 Product details

• Package type: leaded
• Package form: T-1¾
• Dimensions (in mm): Ø 5
• Leads with stand-off
• Peak wavelength: λp = 850 nm
• High reliability
• High radiant power
• High radiant intensity
• Angle of half intensity: ϕ = ± 18°
• Low forward voltage
• Suitable for high pulse current operation
• High modulation bandwidth: fc = 18 MHz
• Good spectral matching with CMOS cameras
• Compliant to RoHS Directive 2002/95/EC and in
accordance to WEEE 2002/96/EC




Similar Part No. - TSHG5410_11

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TSHG5410 VISHAY-TSHG5410_09 Datasheet
103Kb / 5P
High Speed Infrared Emitting Diode, 850 nm, GaAlAs Double Hetero
08-Jul-09
TSHG5410 VISHAY-TSHG5410_V01 Datasheet
108Kb / 5P
High Speed Infrared Emitting Diode, 850 nm, GaAlAs Double Hetero
23-Aug-11
TSHG5410 VISHAY-TSHG5410_V02 Datasheet
107Kb / 5P
High Speed Infrared Emitting Diode, 850 nm, GaAlAs Double Hetero
23-Aug-11
More results


Similar Description - TSHG5410_11

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TSHG6200 VISHAY-TSHG6200_07 Datasheet
116Kb / 6P
High Speed Infrared Emitting Diode, 850 nm, GaAlAs Double Hetero
04-Dec-07
TSHG5210 VISHAY-TSHG5210_09 Datasheet
113Kb / 5P
High Speed Infrared Emitting Diode, 850 nm, GaAlAs Double Hetero
25-Jun-09
TSHG6210 VISHAY-TSHG6210_09 Datasheet
112Kb / 5P
High Speed Infrared Emitting Diode, 850 nm, GaAlAs Double Hetero
25-Jun-09
TSHG6410 VISHAY-TSHG6410_09 Datasheet
103Kb / 5P
High Speed Infrared Emitting Diode, 850 nm, GaAlAs Double Hetero
08-Jul-09
TSHG5210 VISHAY-TSHG5210_V01 Datasheet
107Kb / 5P
High Speed Infrared Emitting Diode, 850 nm, GaAlAs Double Hetero
23-Aug-11
TSHG6200 VISHAY-TSHG6200_V01 Datasheet
110Kb / 5P
High Speed Infrared Emitting Diode, 850 nm, GaAlAs Double Hetero
24-Aug-11
TSHG6210 VISHAY-TSHG6210_V01 Datasheet
104Kb / 5P
High Speed Infrared Emitting Diode, 850 nm, GaAlAs Double Hetero
23-Aug-11
TSHG6410 VISHAY-TSHG6410_V01 Datasheet
113Kb / 5P
High Speed Infrared Emitting Diode, 850 nm, GaAlAs Double Hetero
23-Aug-11
TSHG5210 VISHAY-TSHG5210_V02 Datasheet
107Kb / 5P
High Speed Infrared Emitting Diode, 850 nm, GaAlAs Double Hetero
23-Aug-11
TSHG6410 VISHAY-TSHG6410_V02 Datasheet
112Kb / 5P
High Speed Infrared Emitting Diode, 850 nm, GaAlAs Double Hetero
23-Aug-11
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com