Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

EGF1A Datasheet (PDF) - Zibo Seno Electronic Engineering Co.,Ltd

EGF1A Datasheet PDF - Zibo Seno Electronic Engineering Co.,Ltd
Part # EGF1A
Download  EGF1A Download
File Size   150.63 Kbytes
Page   2 Pages
Manufacturer  ZSELEC [Zibo Seno Electronic Engineering Co.,Ltd]
Direct Link  http://www.senocn.com/en/index.html
Logo ZSELEC - Zibo Seno Electronic Engineering Co.,Ltd
Description 1.0A SURFACE MOUNT GLASS PASSIVATED ULTRAFAST DIODE

EGF1A Datasheet (PDF)

Go To PDF Page Download Datasheet
EGF1A Datasheet PDF - Zibo Seno Electronic Engineering Co.,Ltd

Part # EGF1A
Download  EGF1A Click to download

File Size   150.63 Kbytes
Page   2 Pages
Manufacturer  ZSELEC [Zibo Seno Electronic Engineering Co.,Ltd]
Direct Link  http://www.senocn.com/en/index.html
Logo ZSELEC - Zibo Seno Electronic Engineering Co.,Ltd
Description 1.0A SURFACE MOUNT GLASS PASSIVATED ULTRAFAST DIODE

EGF1A Datasheet (HTML) - Zibo Seno Electronic Engineering Co.,Ltd


EGF1A Product details

Features
● Ideally Suited for Automatic Assembly
● Low Forward Voltage Drop, High Efficiency
● Surge Overload Rating to 30A Peak
● Low Power Loss
● Ultra-Fast Recovery Time
● Plastic Case Material has UL Flammability
   Classification Rating 94V-O




Similar Part No. - EGF1A

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
EGF1A FAIRCHILD-EGF1A Datasheet
90Kb / 4P
1.0 Ampere High Efficiency Glass Passivated Rectifier
logo
General Semiconductor
EGF1A GE-EGF1A Datasheet
91Kb / 2P
ULTRAFAST SURFACE MOUNT RECTIFIER
logo
Fairchild Semiconductor
EGF1A FAIRCHILD-EGF1A Datasheet
51Kb / 3P
Fast Rectifiers (Glass Passivated)
logo
Taiwan Semiconductor Co...
EGF1A TSC-EGF1A Datasheet
55Kb / 2P
1.0 AMP. Surface Mount Glass Passivated Junction High Efficient Rectifiers
logo
TAITRON Components Inco...
EGF1A TAITRON-EGF1A Datasheet
139Kb / 4P
1.0A Sintered Glass Passivated Super Fast Rectifier
More results


Similar Description - EGF1A

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
HER101G WTE-HER101G Datasheet
57Kb / 4P
1.0A GLASS PASSIVATED ULTRAFAST DIODE
UF1A WTE-UF1A_06 Datasheet
47Kb / 4P
1.0A SURFACE MOUNT GLASS PASSIVATED ULTRAFAST DIODE
UF4001G WTE-UF4001G Datasheet
56Kb / 4P
1.0A GLASS PASSIVATED ULTRAFAST DIODE
US1A WTE-US1A_06 Datasheet
53Kb / 4P
1.0A SURFACE MOUNT GLASS PASSIVATED ULTRAFAST DIODE
logo
Zibo Seno Electronic En...
1H1G ZSELEC-1H1G Datasheet
134Kb / 2P
1.0A GLASS PASSIVATED ULTRAFAST DIODE
DSR0.3A ZSELEC-DSR0.3A Datasheet
144Kb / 2P
1.0A SURFACE MOUNT GLASS PASSIVATED DIODE
EGP10A ZSELEC-EGP10A Datasheet
117Kb / 2P
1.0A GLASS PASSIVATED ULTRAFAST DIODE
HER101G ZSELEC-HER101G Datasheet
119Kb / 2P
1.0A GLASS PASSIVATED ULTRAFAST DIODE
UF100G ZSELEC-UF100G Datasheet
89Kb / 2P
1.0A GLASS PASSIVATED ULTRAFAST DIODE
UG1001 ZSELEC-UG1001 Datasheet
87Kb / 2P
1.0A GLASS PASSIVATED ULTRAFAST DIODE
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com