Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

T491X336K035AT Datasheet (PDF) - Kemet Corporation

T491X336K035AT Datasheet PDF - Kemet Corporation
Part # T491X336K035AT
Download  T491X336K035AT Download
File Size   81.21 Kbytes
Page   1 Pages
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation
Description Tantalum, MnO2 Tantalum, T491, 33 uF, 10%, 35 V, 7343, SMD, MnO2, Molded, 600 mOhms, Height Max = 4.3mm

T491X336K035AT Datasheet (PDF)

Go To PDF Page Download Datasheet
T491X336K035AT Datasheet PDF - Kemet Corporation

Part # T491X336K035AT
Download  T491X336K035AT Click to download

File Size   81.21 Kbytes
Page   1 Pages
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation
Description Tantalum, MnO2 Tantalum, T491, 33 uF, 10%, 35 V, 7343, SMD, MnO2, Molded, 600 mOhms, Height Max = 4.3mm

T491X336K035AT Datasheet (HTML) - Kemet Corporation


T491X336K035AT Product details

PRODUCT DESCRIPTION
KEMET’s family of solid tantalum chip capacitors is designed and manufactured with the demanding requirements of surface mount technology in mind.
These devices extend the advantages of solid tantalum technology to today’s surface mount circuit applications. Complementing multilayer ceramic chip convenience with capacitance ratings through 1500 µF, tantalum chip capacitors permit circuitdesigners to take full advantage of the benefits of surface mount technology.

SOLID TANTALUM CHIP CAPACITORS
T491 SERIES - Precision Molded Chip

FEATURES
• Meets or Exceeds EIA Standard 535BAAC
• Taped and Reeled per EIA 481-1
• Symmetrical, Compliant Terminations
• Optional Gold-plated Terminations
• Laser-marked Case
• 100% Surge current test on C, D, E, U, V, X sizes
• Halogen Free Epoxy
• Capacitance: 0.1 μF to 1000 μF
• Tolerance: ±10%, ±20%
• Voltage: 2.5-50 VDC
• Extended Range Values
• Low Profile Case Sizes
• RoHS Compliance & Lead Free Terminations
   (See www.kemet.com for transition information)
• Operating Temperature: -55˚C to +125˚C




Similar Part No. - T491X336K035AT

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
T491X336K025AS-F CDE-T491X336K025AS-F Datasheet
368Kb / 5P
Solid Tantalum Chip Capacitors for Surface Mount Applications
logo
Kemet Corporation
T491X336K025AT KEMET-T491X336K025AT Datasheet
81Kb / 1P
Tantalum, MnO2 Tantalum, T491, 33 uF, 10%, 25 V, 7343, SMD, MnO2, Molded, 700 mOhms, Height Max = 4.3mm
More results


Similar Description - T491X336K035AT

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
T491X226K035AT KEMET-T491X226K035AT Datasheet
81Kb / 1P
Tantalum, MnO2 Tantalum, T491, 22 uF, 10%, 35 V, 7343, SMD, MnO2, Molded, 700 mOhms, Height Max = 4.3mm
T491X106K050AT KEMET-T491X106K050AT Datasheet
80Kb / 1P
Tantalum, MnO2 Tantalum, T491, 10 uF, 10%, 50 V, 7343, SMD, MnO2, Molded, 700 mOhms, Height Max = 4.3mm
T491X108K006AT KEMET-T491X108K006AT Datasheet
81Kb / 1P
Tantalum, MnO2 Tantalum, T491, 1000 uF, 10%, 6.3 V, 7343, SMD, MnO2, Molded, 600 mOhms, Height Max = 4.3mm
T491X227K010AT KEMET-T491X227K010AT Datasheet
80Kb / 1P
Tantalum, MnO2 Tantalum, T491, 220 uF, 10%, 10 V, 7343, SMD, MnO2, Molded, 500 mOhms, Height Max = 4.3mm
T491X336K025AT KEMET-T491X336K025AT Datasheet
81Kb / 1P
Tantalum, MnO2 Tantalum, T491, 33 uF, 10%, 25 V, 7343, SMD, MnO2, Molded, 700 mOhms, Height Max = 4.3mm
T491X687K006AT KEMET-T491X687K006AT Datasheet
81Kb / 1P
T491, Tantalum, MnO2 Tantalum, 680 uF, 10%, 6.3 V, 7343, SMD, MnO2, Molded, 600 mOhms, Height Max = 4.3mm
T491D336K035AT KEMET-T491D336K035AT Datasheet
81Kb / 1P
Tantalum, MnO2 Tantalum, T491, 33 uF, 10%, 35 V, 7343, SMD, MnO2, Molded, 600 mOhms, Height Max = 3.1mm
T491X476K035AT KEMET-T491X476K035AT Datasheet
81Kb / 1P
Tantalum, MnO2 Tantalum, T491, 47 uF, 10%, 35 V, 7343, SMD, MnO2, Molded, 600 mOhms, Height Max = 4.3mm
T491X226K050AT KEMET-T491X226K050AT Datasheet
81Kb / 1P
T491, Tantalum, MnO2 Tantalum, 22 uF, 10%, 50 V, 7343, SMD, MnO2, Molded, 600 mOhms, Height Max = 4.3mm
T491X226M035AT KEMET-T491X226M035AT Datasheet
81Kb / 1P
Tantalum, MnO2 Tantalum, T491, 22 uF, 20%, 35 V, 7343, SMD, MnO2, Molded, 700 mOhms, Height Max = 4.3mm
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com