Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

BAT38 Datasheet (PDF) - Advanced Semiconductor

BAT38 Datasheet PDF - Advanced Semiconductor
Part # BAT38
Download  BAT38 Download
File Size   31.79 Kbytes
Page   1 Pages
Manufacturer  ASI [Advanced Semiconductor]
Direct Link  http://www.advancedsemiconductor.com
Logo ASI - Advanced Semiconductor
Description SILICON SCHOTTKY BARRIER DIODE

BAT38 Datasheet (PDF)

Go To PDF Page Download Datasheet
BAT38 Datasheet PDF - Advanced Semiconductor

Part # BAT38
Download  BAT38 Click to download

File Size   31.79 Kbytes
Page   1 Pages
Manufacturer  ASI [Advanced Semiconductor]
Direct Link  http://www.advancedsemiconductor.com
Logo ASI - Advanced Semiconductor
Description SILICON SCHOTTKY BARRIER DIODE

BAT38 Datasheet (HTML) - Advanced Semiconductor


BAT38 Product details

DESCRIPTION:
The ASI BAT38 is a silicon Schottky barrier mixer diode, Designed for use in Ka frequency band Applications.

FEATURES INCLUDE:
• Low RS-5.0Ω
• Low NF 8.5 Db Typ.
• Frequency Range 26 to 40 GHz
• Available as Matched pairs by adding
   the MP to the part number. Matching
   criteria is ± 10% on rectified current
   and within 150 Ω i.f. impedance.




Similar Part No. - BAT38

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BAT30 SIEMENS-BAT30 Datasheet
247Kb / 2P
silicon schottky diode (RF detector, Low-power mixer, Zerobias, Very low capacitance, for frequencies up to 25 GHz)
logo
STMicroelectronics
BAT30 STMICROELECTRONICS-BAT30 Datasheet
157Kb / 12P
Small signal Schotky diodes
24-Jul-2006
BAT30 STMICROELECTRONICS-BAT30 Datasheet
168Kb / 14P
Small signal Schottky diodes
13-Oct-2009
BAT30 STMICROELECTRONICS-BAT30 Datasheet
254Kb / 12P
Small signal Schottky diodes
01-Apr-2015
BAT30-07P6FILM STMICROELECTRONICS-BAT30-07P6FILM Datasheet
157Kb / 12P
Small signal Schotky diodes
24-Jul-2006
More results


Similar Description - BAT38

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HSB226YP HITACHI-HSB226YP Datasheet
23Kb / 5P
Silicon Schottky Barrier Diode
E208931_HSC278 HITACHI-E208931_HSC278 Datasheet
71Kb / 7P
Silicon Schottky Barrier Diode
logo
Guangdong Kexin Industr...
HRW0503A KEXIN-HRW0503A Datasheet
34Kb / 1P
Silicon Schottky Barrier Diode
HSM88WA KEXIN-HSM88WA Datasheet
34Kb / 1P
Silicon Schottky Barrier Diode
HSM276S KEXIN-HSM276S Datasheet
36Kb / 1P
Silicon Schottky Barrier Diode
logo
Sanken electric
FMB-24 SANKEN-FMB-24_11 Datasheet
196Kb / 5P
Silicon Schottky Barrier Diode
FMW-2204 SANKEN-FMW-2204 Datasheet
251Kb / 5P
Silicon Schottky Barrier Diode
FMW-4306 SANKEN-FMW-4306 Datasheet
181Kb / 5P
Silicon Schottky Barrier Diode
FMW-24L SANKEN-FMW-24L Datasheet
228Kb / 5P
Silicon Schottky Barrier Diode
RK36 SANKEN-RK36 Datasheet
142Kb / 5P
Silicon Schottky Barrier Diode
More results




About Advanced Semiconductor


Advanced Semiconductor, Inc. (ASI) is a semiconductor company based in South Korea. The company was founded in 1989 and specializes in the design and manufacturing of memory and storage solutions for a variety of applications, including consumer electronics, automotive, and industrial markets.

ASI's product portfolio includes DRAM, SRAM, flash memory, and embedded memory solutions. These products are used in a wide range of devices, including smartphones, tablets, laptops, servers, and automotive infotainment systems.

ASI is known for its commitment to quality and innovation. The company's products are designed to meet the highest standards of performance and reliability, and are manufactured using the latest technology and materials. ASI also offers custom design and engineering services to meet the specific needs of its customers.

ASI has a global presence, with sales offices and representatives located around the world. The company is dedicated to delivering innovative memory and storage solutions that meet the evolving needs of the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com