Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

1N6071 Datasheet (PDF) - Microsemi Corporation

1N6071 Datasheet PDF - Microsemi Corporation
Part # 1N6071
Download  1N6071 Download
File Size   202.85 Kbytes
Page   4 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description 1500 WATT BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR

1N6071 Datasheet (PDF)

Go To PDF Page Download Datasheet
1N6071 Datasheet PDF - Microsemi Corporation

Part # 1N6071
Download  1N6071 Click to download

File Size   202.85 Kbytes
Page   4 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description 1500 WATT BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR

1N6071 Datasheet (HTML) - Microsemi Corporation


1N6071 Product details

DESCRIPTION
This popular Transient Voltage Suppressor (TVS) series for 1N6036 thru 1N6072A are JEDEC registered selections for bidirectional devices. All have the same high Peak Pulse Power rating of 1500 W with extremely fast response times. They are also available in military qualified selections as described in the Features section herein. They are most often used for protecting against transients from inductive switching environments, induced RF effects, or induced secondary lightning effects as found in lower surge levels of IEC61000-4-5. They are also very successful in protecting airborne avionics and electrical systems. Since their response time is virtually instantaneous, they can also protect from ESD and EFT per IEC61000-4-2 and IEC61000-4-4.

FEATURES
• Bidirectional TVS series for thru-hole mounting
• Suppresses transients up to 1500 watts @ 10/1000 µs (see Figure 1)
• Clamps transient in less than 100 pico seconds
• Working voltage (VWM) range 5.5 V to 185 V
• Hermetic sealed DO-13 metal package
• JAN/TX/TXV military qualifications also available per MIL-PRF-19500/507 for the tighter tolerance “A” suffix types by adding the JAN, JANTX, or JANTXV prefix, e.g. JANTXV1N6036A, etc.
• For unidirectional TVS in the same DO-13 package, see separate data sheet for the 1N5629 – 1N5665A series (also military qualified)
• Surface mount equivalent packages also available as SMCJ5.0C - SMCJ170CA or SMCG5.0C – SMCG170CA in separate data sheet (consult factory for other surface mount options)
• Plastic axial-leaded equivalents available in the 1.5KE6.8C – 1.5KE220CA series in separate data sheet

APPLICATIONS / BENEFITS
• Protection from switching transients and induced RF
• Protection from ESD and EFT per IEC 61000-4-2 and IEC 61000-4-4
• Secondary lightning protection per IEC61000-4-5 with 42 Ohms source impedance:
   Class 1: 1N6036 to 1N6072A
   Class 2: 1N6036 to 1N6067A
   Class 3: 1N6036 to 1N6061A
   Class 4: 1N6036 to 1N6054A
• Secondary lightning protection per IEC61000-4-5 with 12 Ohms source impedance:
   Class 1 : 1N6036 to 1N6064A
   Class 2: 1N6036 to 1N6057A
   Class 3: 1N6036 to 1N6049A
   Class 4: 1N6036 to 1N6042A
• Secondary lightning protection per IEC61000-4-5 with 2 Ohms source impedance:
   Class 2: 1N6036 to 1N6048A
   Class 3: 1N6036 to 1N6041A
• Inherently radiation hard as described in Microsemi MicroNote 050




Similar Part No. - 1N6071

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
1N6071 MICROSEMI-1N6071 Datasheet
107Kb / 2P
BIDIRECTIONAL TRANSIENT ABSORPTION ZENER
logo
Littelfuse
1N6071 LITTELFUSE-1N6071 Datasheet
197Kb / 4P
Silicon Avalanche Diodes - 1500 Watt Metal Axial Leaded Transient Voltage Suppressors
logo
Digitron Semiconductors
1N6071 DIGITRON-1N6071 Datasheet
297Kb / 4P
BIDIRECTIONAL TRANSIENT SUPPRESSOR DIODES
logo
New Jersey Semi-Conduct...
1N6071 NJSEMI-1N6071 Datasheet
147Kb / 2P
1500 WATTS PEAK POWER DISSIPATION
logo
Microsemi Corporation
1N6071A MICROSEMI-1N6071A Datasheet
107Kb / 2P
BIDIRECTIONAL TRANSIENT ABSORPTION ZENER
More results


Similar Description - 1N6071

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
1N5555 MICROSEMI-1N5555 Datasheet
190Kb / 3P
1500 WATT UNIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR
SMCJ170CA MICROSEMI-SMCJ170CA Datasheet
584Kb / 4P
SURFACE MOUNT 1500 Watt Transient Voltage Suppressor
JANTX1N5632A MICROSEMI-JANTX1N5632A Datasheet
204Kb / 4P
1500 WATT UNIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR
LC6.5 MICROSEMI-LC6.5 Datasheet
586Kb / 4P
1500 WATT LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
1N5908 MICROSEMI-1N5908 Datasheet
224Kb / 3P
1500 WATT LOW VOLTAGE TRANSIENT VOLTAGE SUPPRESSOR
LC6.5 MICROSEMI-LC6.5_08 Datasheet
196Kb / 4P
1500 WATT LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
logo
Digitron Semiconductors
1N5555 DIGITRON-1N5555 Datasheet
127Kb / 2P
1500 WATT UNIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR
logo
New Jersey Semi-Conduct...
LC6.5 NJSEMI-LC6.5 Datasheet
175Kb / 3P
1500 WATT LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
logo
Microsemi Corporation
SMCJ10ATR MICROSEMI-SMCJ10ATR Datasheet
205Kb / 4P
SURFACE MOUNT 1500 Watt Transient Voltage Suppressor
MLCE6.5 MICROSEMI-MLCE6.5 Datasheet
380Kb / 5P
1500 Watt Low Capacitance Transient Voltage Suppressor
More results




About Microsemi Corporation


Microsemi Corporation was an American company that specialized in the design and manufacture of semiconductor and system solutions.
The company was founded in 1960 and was headquartered in Aliso Viejo, California.
Microsemi provided a wide range of products including analog and mixed-signal integrated circuits, field-programmable gate arrays (FPGAs), power management and control products, and other semiconductor solutions.
The company's products were used in various applications such as defense and security, aerospace and aviation, industrial, and communications.
Microsemi was known for its expertise in semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
In 2018, Microsemi was acquired by Microchip Technology, a leading provider of microcontroller, mixed-signal, analog, and security products.
The Microsemi brand is no longer in use, but its technology and products continue to be a part of Microchip's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com