Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CX2700EIMDOFD-PF Datasheet (PDF) - Advanced Crystal Technology

CX2700EIMDOFD-PF Datasheet PDF - Advanced Crystal Technology
Part # CX2700EIMDOFD-PF
Download  CX2700EIMDOFD-PF Download
File Size   198.55 Kbytes
Page   2 Pages
Manufacturer  ACT [Advanced Crystal Technology]
Direct Link  http://www.actcrystals.com
Logo ACT - Advanced Crystal Technology
Description 2.0 x 1.6mm crystal unit

CX2700EIMDOFD-PF Datasheet (PDF)

Go To PDF Page Download Datasheet
CX2700EIMDOFD-PF Datasheet PDF - Advanced Crystal Technology

Part # CX2700EIMDOFD-PF
Download  CX2700EIMDOFD-PF Click to download

File Size   198.55 Kbytes
Page   2 Pages
Manufacturer  ACT [Advanced Crystal Technology]
Direct Link  http://www.actcrystals.com
Logo ACT - Advanced Crystal Technology
Description 2.0 x 1.6mm crystal unit

CX2700EIMDOFD-PF Datasheet (HTML) - Advanced Crystal Technology




Similar Part No. - CX2700EIMDOFD-PF

ManufacturerPart #DatasheetDescription
logo
Advanced Crystal Techno...
CX2700-RF-GOMEFD-PF ACT-CX2700-RF-GOMEFD-PF Datasheet
178Kb / 1P
2.0 x 1.6mm crystal unit
CX2700-RF-GOMEFL-PF ACT-CX2700-RF-GOMEFL-PF Datasheet
178Kb / 1P
2.0 x 1.6mm crystal unit
CX2700-RF-JOMEFD-PF ACT-CX2700-RF-JOMEFD-PF Datasheet
178Kb / 1P
2.0 x 1.6mm crystal unit
CX2700-RF-JOMEFL-PF ACT-CX2700-RF-JOMEFL-PF Datasheet
178Kb / 1P
2.0 x 1.6mm crystal unit
CX2700-RF-KOMEFD-PF ACT-CX2700-RF-KOMEFD-PF Datasheet
178Kb / 1P
2.0 x 1.6mm crystal unit
More results


Similar Description - CX2700EIMDOFD-PF

ManufacturerPart #DatasheetDescription
logo
Advanced Crystal Techno...
TX20SA ACT-TX20SA Datasheet
648Kb / 2P
TCXO, 2.0 x 1.6mm, Clipped sine wave
25042016
TWC912 ACT-TWC912 Datasheet
225Kb / 2P
2.0 x 1.2mm Watch crystal
1/02/2017
752-SMX-2 ACT-752-SMX-2 Datasheet
232Kb / 2P
7.0 x 5.0mm Crystal unit
1/02/2017
753-SMX-4 ACT-753-SMX-4 Datasheet
236Kb / 2P
7.0 x 5.0mm Crystal unit
1/02/2017
1612H-SMX-4 ACT-1612H-SMX-4 Datasheet
179Kb / 1P
1.6 x 1.2mm Crystal unit
1/2/2017
2016H-SMX-4 ACT-2016H-SMX-4 Datasheet
178Kb / 1P
2.0 x 1.6mm crystal unit
2520H-SMX-4 ACT-2520H-SMX-4 Datasheet
178Kb / 1P
2.5 x 2.0mm Crystal unit
1/2/2017
logo
Vectron International, ...
VXM9 VECTRON-VXM9 Datasheet
405Kb / 3P
2.0 x 1.6mm Crystal
logo
Fox Electronics
C1BA FOX-C1BA Datasheet
268Kb / 2P
2.0 x 1.6mm Auto Grade Crystal
C1BQ FOX-C1BQ Datasheet
292Kb / 2P
2.0 x 1.6mm Ceramic SMD Crystal
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com