Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TEMD6200 Datasheet (PDF) - Vishay Siliconix

TEMD6200 Datasheet PDF - Vishay Siliconix
Part # TEMD6200
Download  TEMD6200 Download
File Size   147.13 Kbytes
Page   6 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Ambient Light Sensor

TEMD6200 Datasheet (PDF)

Go To PDF Page Download Datasheet
TEMD6200 Datasheet PDF - Vishay Siliconix

Part # TEMD6200
Download  TEMD6200 Click to download

File Size   147.13 Kbytes
Page   6 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Ambient Light Sensor

TEMD6200 Datasheet (HTML) - Vishay Siliconix


TEMD6200 Product details

• Package type: Surface mount
• Package form: 0805
• Dimensions (L x W x H in mm): 2 x 1.25 x 0.85
• Radiant sensitive area (in mm2): 0.27
• AEC-Q101 qualified
• High photo sensitivity
• Adapted to human eye responsivity
• Angle of half sensitivity: ϕ = ± 60°
• Floor life: 168 h, MSL 3, acc. J-STD-020




Similar Part No. - TEMD6200

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TEMD6200FITX01 VISHAY-TEMD6200FITX01 Datasheet
147Kb / 6P
Ambient Light Sensor
11-Sep-2020
TEMD6200FITX01 VISHAY-TEMD6200FITX01 Datasheet
147Kb / 6P
Ambient Light Sensor
11-Sep-2020
TEMD6200FITX01 VISHAY-TEMD6200FITX01_V01 Datasheet
147Kb / 6P
Ambient Light Sensor
11-Sep-2020
TEMD6200FX01 VISHAY-TEMD6200FX01 Datasheet
144Kb / 6P
Ambient Light Sensor
26-Mar-09
TEMD6200FX01 VISHAY-TEMD6200FX01 Datasheet
147Kb / 6P
Ambient Light Sensor
08-Apr-14
More results


Similar Description - TEMD6200

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
KOE1615 KODENSHI-KOE1615 Datasheet
205Kb / 3P
Ambient Light Sensor
logo
Everlight Electronics C...
ALS-PT19-315C-L177-TR8 EVERLIGHT-ALS-PT19-315C-L177-TR8_15 Datasheet
254Kb / 11P
Ambient Light Sensor
logo
ON Semiconductor
NOA1305 ONSEMI-NOA1305 Datasheet
279Kb / 13P
Ambient Light Sensor
October, 2012 ??Rev. 0
NOA1213 ONSEMI-NOA1213 Datasheet
103Kb / 8P
Ambient Light Sensor
November, 2015 ??Rev. P1
logo
Vishay Siliconix
TEMD6010FX01 VISHAY-TEMD6010FX01_12 Datasheet
121Kb / 5P
Ambient Light Sensor
20-Aug-12
logo
ON Semiconductor
NOA1212 ONSEMI-NOA1212_17 Datasheet
107Kb / 8P
Ambient Light Sensor
November, 2017 ??Rev. 4
logo
New Japan Radio
NJL7502R NJRC-NJL7502R Datasheet
190Kb / 8P
Ambient Light Sensor
Ver.2014-12-02
logo
Vishay Siliconix
TEMD6200FX01 VISHAY-TEMD6200FX01_V01 Datasheet
144Kb / 6P
Ambient Light Sensor
08-Apr-14
TEMT6000X01 VISHAY-TEMT6000X01_V01 Datasheet
148Kb / 6P
Ambient Light Sensor
23-Aug-11
TEPT4400 VISHAY-TEPT4400_V01 Datasheet
106Kb / 5P
Ambient Light Sensor
30-Jun-16
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com