Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

KA-14DG-24 Datasheet (PDF) - Tyco Electronics

Part # KA-14DG-24
Description  5 to 10 AmpGeneral Purpose Relay
File Size   142.21 Kbytes
Html View  1   2   3   4   5 
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

KA-14DG-24 Datasheet (PDF) - Tyco Electronics



Similar Part No. - KA-14DG-24

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
KA-14DG-24 MACOM-KA-14DG-24 Datasheet
406Kb / 4P
KRPA Series Panel Plug-in Relay
logo
TE Connectivity Ltd
KA-14DG-24 TEC-KA-14DG-24 Datasheet
384Kb / 3P
Panel Plug-in Relay
Rev. 1112
More results


Similar Description - KA-14DG-24

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
FBR160 FUJI-FBR160 Datasheet
56Kb / 6P
POWER RELAY 1 POLE-3, 5, 10 A
logo
CSB Battery Co., Ltd.
GP12120 CSB-BATTERY-GP12120 Datasheet
510Kb / 2P
general purpose battery up to 5
GP12260 CSB-BATTERY-GP12260 Datasheet
529Kb / 2P
general purpose battery up to 5
GP12340 CSB-BATTERY-GP12340 Datasheet
533Kb / 2P
general purpose battery up to 5
GP6120 CSB-BATTERY-GP6120 Datasheet
532Kb / 2P
general purpose battery up to 5
logo
Tyco Electronics
2-1393143-0 MACOM-2-1393143-0 Datasheet
125Kb / 2P
General Purpose 3 to 10 Amp, Multicontact AC or DC Relay
logo
List of Unclassifed Man...
FCB-205-0127M ETC2-FCB-205-0127M Datasheet
131Kb / 2P
FCB 5-10 Amp Relay Series, DC Actuating System
logo
Tyco Electronics
KRP-11AG-24 MACOM-KRP-11AG-24 Datasheet
142Kb / 5P
5 to 10 Amp General Purpose Relay
logo
Picker Components
PC118 PICKER-PC118 Datasheet
264Kb / 2P
Mina ture 4 pole 5 Amp General Purpose Relay
PC118 PICKER-PC118_17 Datasheet
1Mb / 2P
Miniature 4 Pole 5 Amp General Purpose Relay
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com