| Manufacturer | Part # | Datasheet | Description |
 Infineon Technologies A... |
IPB017N10N5LF
|
1Mb / 11P |
OptiMOSTM 5 Linear FET, 100 V
Rev.2.1,2017-02-16 |
|
IPB020N10N5LF
|
1,017Kb / 11P |
OptiMOSTM 5 Linear FET, 100 V
Rev.2.1,2017-02-16 |
|
IPB033N10N5LF
|
1,009Kb / 11P |
OptiMOSTM 5 Linear FET, 100 V
Rev.2.1,2017-02-16 |
|
IPB083N15N5LF
|
914Kb / 11P |
OptiMOSTM 5 Linear FET, 150 V
Rev.2.0,2017-04-04 |
|
IPT013N08NM5LF
|
771Kb / 11P |
OptiMOSTM 5 Linear FET, 80 V
Rev. 2.0, 2021-08-21 |
|
IPT008N06NM5LF
|
938Kb / 11P |
OptiMOSTM 5 Linear FET, 60 V
Rev. 2.1, 2022-09-19 |
|
ISC015N06NM5LF
|
1Mb / 12P |
OptiMOSTM 5 Linear FET, 60 V
Rev. 2.0, 2023-06-06 |
|
ISC035N10NM5LF
|
1Mb / 12P |
OptiMOSTM 5 Linear FET, 100 V
Rev. 2.0, 2023-06-06 |
|
IQE220N15NM5
|
1Mb / 11P |
OptiMOSTM 5 Power-Transistor, 150 V
Rev. 2.0, 2022-06-03 |
|
ISC025N08NM5LF
|
1Mb / 12P |
OptiMOSTM 5 Linear FET, 80 V
Rev. 2.0, 2023-06-06 |