| Manufacturer | Part # | Datasheet | Description |
 Infineon Technologies A... |
PTRA093818NF
|
470Kb / 10P |
Thermally-Enhanced High Power RF LDMOS FET 415 W, 48 V, 925 ??960 MHz
Rev. 05.1, 2017-08-16 |
|
PTRA094808NF
|
463Kb / 10P |
Thermally-Enhanced High Power RF LDMOS FET 480 W, 48 V, 859 ??960 MHz
Rev. 03, 2017-08-21 |
|
PTVA092407NF
|
434Kb / 9P |
Thermally-Enhanced High Power RF LDMOS FET 240 W, 48 V, 869 ??960 MHz
Rev. 02.4, 2017-02-07 |
 Cree, Inc |
PTRA097008NB
|
732Kb / 10P |
Thermally-Enhanced High Power RF LDMOS FET 630 W, 48 V, 920 ??960 MHz
|
|
PTRA093818NF
|
600Kb / 10P |
Thermally-Enhanced High Power RF LDMOS FET 415 W, 48 V, 925 ??960 MHz
|
|
PTVA092407NF
|
595Kb / 9P |
Thermally-Enhanced High Power RF LDMOS FET 240 W, 48 V, 869 ??960 MHz
|
 WOLFSPEED, INC. |
PTRA093818NF
|
685Kb / 10P |
Thermally-Enhanced High Power RF LDMOS FET 415 W, 48 V, 925 – 960 MHz
Rev. 06.2, 2022-01-04 |
|
PTRA094808NF
|
696Kb / 10P |
Thermally-Enhanced High Power RF LDMOS FET 480 W, 48 V, 859 – 960 MHz
Rev. 05.2, 2022-01-04 |
|
PTRA094858NF
|
1Mb / 9P |
Thermally-Enhanced High Power RF LDMOS FET 400 W, 48 V, 859 – 960 MHz
Rev. 04, 2023-06-28 |
|
PTRA097008NB
|
556Kb / 10P |
Thermally-Enhanced High Power RF LDMOS FET 630 W, 48 V, 920 – 960 MHz
Rev. 04, 2023-06-22 |