| Manufacturer | Part # | Datasheet | Description |
 Infineon Technologies A... |
PTFB082817FH
|
667Kb / 13P |
Thermally-Enhanced High Power RF LDMOS FET 280 W, 30 V, 791-821 MHz
Rev. 02, 2010-12-13 |
|
PTRA094252FC
|
400Kb / 9P |
Thermally-Enhanced High Power RF LDMOS FET 208 W, 48 V, 746 ??960 MHz
Rev. 04.2, 2017-12-08 |
|
PTVA082407NF
|
453Kb / 9P |
Thermally-Enhanced High Power RF LDMOS FET 240 W, 48 V, 746 ??821 MHz
Rev. 02.5, 2017-07-18 |
|
PTVA092407NF
|
434Kb / 9P |
Thermally-Enhanced High Power RF LDMOS FET 240 W, 48 V, 869 ??960 MHz
Rev. 02.4, 2017-02-07 |
 Cree, Inc |
PTRA094252FC
|
497Kb / 9P |
Thermally-Enhanced High Power RF LDMOS FET 208 W, 48 V, 746 ??960 MHz
|
|
PTRA084808NF
|
649Kb / 12P |
Thermally-Enhanced High Power RF LDMOS FET 550 W, 48 V, 734 ??821 MHz
|
|
PTVA092407NF
|
595Kb / 9P |
Thermally-Enhanced High Power RF LDMOS FET 240 W, 48 V, 869 ??960 MHz
|
 WOLFSPEED, INC. |
PTRA084808NF
|
881Kb / 12P |
Thermally-Enhanced High Power RF LDMOS FET 550 W, 48 V, 734 – 821 MHz
Rev. 03.4, 2022-1-27 |
|
PTVA082407NF
|
733Kb / 9P |
Thermally-Enhanced High Power RF LDMOS FET 240 W, 48 V, 746 – 821 MHz
Rev. 04.1, 2022-02-13 |
|
PTVA092407NF
|
708Kb / 9P |
Thermally-Enhanced High Power RF LDMOS FET 240 W, 48 V, 869 – 960 MHz
Rev. 03.2, 2022-02-13 |