| Manufacturer | Part # | Datasheet | Description |
 Infineon Technologies A... |
PXFC211507SC
|
201Kb / 9P |
Thermally-Enhanced High Power RF LDMOS FET 150 W, 28 V, 2110 ??2170 MHz
Rev. 02, 2015-03-03 |
|
PTFB213208FV
|
221Kb / 13P |
Thermally-Enhanced High Power RF LDMOS FET 320 W, 28 V, 2110 ??2170 MHz
Rev. 02, 2012-07-03 |
|
PTFB212507SH
|
193Kb / 13P |
Thermally-Enhanced High Power RF LDMOS FET 200 W, 28 V, 2110 ??2170 MHz
Rev. 03, 2015-10-30 |
|
PTAC210802FC
|
650Kb / 8P |
Thermally-Enhanced High Power RF LDMOS FET 80 W, 28 V, 2110 ??2170 MHz
Rev. 05.2, 2016-06-17 |
|
PXAD214218FV
|
391Kb / 9P |
Thermally-Enhanced High Power RF LDMOS FET 430 W, 28 V, 2110 ??2170 MHz
Rev. 02.2, 2017-03-30 |
 Cree, Inc |
PTFB210801FA
|
636Kb / 11P |
Thermally-Enhanced High Power RF LDMOS FET 80 W, 28 V, 2110 ??2170 MHz
|
|
PTFB213208FV
|
659Kb / 13P |
Thermally-Enhanced High Power RF LDMOS FET 320 W, 28 V, 2110 - 2170 MHz
|
|
PXFE211507FC
|
587Kb / 8P |
Thermally-Enhanced High Power RF LDMOS FET 170 W, 28 V, 2110 ??2170 MHz
|
 WOLFSPEED, INC. |
PXAD214218FV
|
524Kb / 9P |
Thermally-Enhanced High Power RF LDMOS FET 430 W, 28 V, 2110 – 2170 MHz
Rev. 04, 2023-06-23 |
|
PXFE211507FC
|
763Kb / 8P |
Thermally-Enhanced High Power RF LDMOS FET 170 W, 28 V, 2110 – 2170 MHz
Rev. 04, 2023-06-28 |