| Manufacturer | Part # | Datasheet | Description |
 PHOENIX CONTACT |
1401031
|
96Kb / 5P |
Sensor/Actuator cable, 5-position, PUR halogen-free, black-gray RAL 7021, shielded, Plug straight M12, Acoded, on Socket angled M12, A-coded, Cable length: 1 m
|
|
1402561
|
106Kb / 4P |
Sensor/actuator cable, 3-position, Plug straight M12, A-coded, on Socket straight M12, A-coded, cable length: 5 m, For valve connector
|
|
1402958
|
76Kb / 4P |
Bus system cable, CANopen짰, DeviceNet?? 5-position, PVC, black, shielded, free cable end, on Socket straight M12, A-coded, cable length: 10 m
|
|
1413004
|
114Kb / 4P |
Sensor/actuator cable, 8-position, PUR halogen-free, black-gray RAL 7021, shielded, free cable end, on Socket straight M12, A-coded, cable length: 35 m
|
|
1425102
|
119Kb / 4P |
Power cable, 4-position, PVC, black-gray RAL 7021, Plug straight M12, L-coded, on Socket straight M12, Lcoded, cable length: 0.6 m, for direct current up to 16 A/63 V
|
|
1425103
|
119Kb / 4P |
Power cable, 4-position, PVC, black-gray RAL 7021, Plug straight M12, L-coded, on Socket straight M12, Lcoded, cable length: 1.5 m, for direct current up to 16 A/63 V
|
|
1513619
|
106Kb / 4P |
Bus system cable, CANopen짰, DeviceNet?? 5-position, PUR halogen-free, violet RAL 4001, shielded, Plug straight M12, A-coded, on free cable end, cable length: 3 m
|
|
1515109
|
106Kb / 5P |
Sensor/actuator cable, 4-position, PUR halogen-free, black-gray RAL 7021, shielded, free cable end, on Socket straight M12, A-coded, cable length: 15 m
|
|
1515183
|
78Kb / 5P |
Sensor/actuator cable, 4-position, PUR halogen-free, black-gray RAL 7021, free cable end, on Socket straight M12, A-coded, cable length: 10 m
|
|
1546657
|
107Kb / 4P |
Sensor/actuator cable, 4-position, PUR, orange RAL 2003, Plug straight M12, A-coded, on Socket straight M12, A-coded, cable length: 3 m
|
|