Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

1414819 Datasheet (PDF) - PHOENIX CONTACT

Part # 1414819
Description  Our standard: robust halogen-free PUR cable
File Size   116.54 Kbytes
Html View  1   2   3   4   5 
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1414819 Datasheet (PDF) - PHOENIX CONTACT



Similar Part No. - 1414819

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1414810 PHOENIX-1414810 Datasheet
116Kb / 5P
Easy and safe: 100% electrically tested plug-in components
1414811 PHOENIX-1414811 Datasheet
533Kb / 18P
SAC-5P- 5,0-500/M12FRL FE SH - Power cable
1414812 PHOENIX-1414812 Datasheet
623Kb / 18P
SAC-5P- 5,0-PVC/M12FSK PE - Power cable
1414814 PHOENIX-1414814 Datasheet
114Kb / 4P
High-performance: DC connectors for up to 16 A and 63 V DC
1414817 PHOENIX-1414817 Datasheet
635Kb / 18P
SAC-5P-10,0-PUR/M12FRK PE - Power cable
More results


Similar Description - 1414819

ManufacturerPart #DatasheetDescription
logo
SHIELD s.r.l.
MC-OE SHIELD-MC-OE Datasheet
111Kb / 2P
PUR, halogen free, UL 300 V
MD-TE SHIELD-MD-TE Datasheet
110Kb / 2P
PUR, halogen free, UL 300 V
logo
PHOENIX CONTACT
1414806 PHOENIX-1414806 Datasheet
115Kb / 5P
Our standard: robust halogen-free PUR cable
1414858 PHOENIX-1414858 Datasheet
114Kb / 5P
Our standard: robust halogen-free PUR cable
1414895 PHOENIX-1414895 Datasheet
115Kb / 5P
Our standard: robust halogen-free PUR cable
1424604 PHOENIX-1424604 Datasheet
103Kb / 4P
Our standard: robust halogen-free PUR cable
1424594 PHOENIX-1424594 Datasheet
103Kb / 4P
Our standard: robust halogen-free PUR cable
1425067 PHOENIX-1425067 Datasheet
107Kb / 4P
Our standard: robust halogen-free PUR cable
1425074 PHOENIX-1425074 Datasheet
107Kb / 4P
Our standard: robust halogen-free PUR cable
1425082 PHOENIX-1425082 Datasheet
119Kb / 4P
Our standard: robust halogen-free PUR cable
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com