Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

1418004 Datasheet (PDF) - PHOENIX CONTACT

Part # 1418004
Description  Network cable, contact inserts: x , cable length: 1 m, number of positions: 8, 1 Gbps, CAT5, cable outlet: straight
File Size   117.43 Kbytes
Html View  1   2   3 
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1418004 Datasheet (PDF) - PHOENIX CONTACT



Similar Part No. - 1418004

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1418052 PHOENIX-1418052 Datasheet
399Kb / 13P
SACC-M12FST-4CON-PG 9-M - Power connector
1418053 PHOENIX-1418053 Datasheet
1Mb / 12P
SAC-5P-15,0-542/M12FS SH BK - Sensor/actuator cable
1418054 PHOENIX-1418054 Datasheet
1Mb / 12P
SAC-5P-20,0-542/M12FS SH BK - Sensor/actuator cable
1418056 PHOENIX-1418056 Datasheet
556Kb / 18P
SAC-8P-20,0-542/M12FR BK - Sensor/actuator cable
1418058 PHOENIX-1418058 Datasheet
559Kb / 18P
SAC-8P-15,0-542/M12FS BK - Sensor/actuator cable
More results


Similar Description - 1418004

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1404863 PHOENIX-1404863 Datasheet
96Kb / 3P
Network cable, Ethernet CAT5 (1 Gbps), 8-position, PVC, black, shielded, cable length: 500 m
1459553 PHOENIX-1459553 Datasheet
54Kb / 2P
Cable ring, black PE-X, 1-pos., cable length: 500 m
logo
Tripp Lite. All Rights ...
N200-001-GN TRIPPLITE-N200-001-GN Datasheet
170Kb / 3P
Premium Cat5/5e/6 Gigabit Molded Patch Cable, 24 AWG, 550 MHz/1 Gbps (RJ45 M/M), Green, 1 ft.
N200-001-GY TRIPPLITE-N200-001-GY Datasheet
165Kb / 3P
Premium Cat5/5e/6 Gigabit Molded Patch Cable, 24 AWG, 550 MHz/1 Gbps (RJ45 M/M), Gray, 1 ft.
N200-001-RD TRIPPLITE-N200-001-RD Datasheet
170Kb / 3P
Premium Cat5/5e/6 Gigabit Molded Patch Cable, 24 AWG, 550 MHz/1 Gbps (RJ45 M/M), Red, 1 ft.
N200-001-WH TRIPPLITE-N200-001-WH Datasheet
164Kb / 3P
Premium Cat5/5e/6 Gigabit Molded Patch Cable,24 AWG, 550 MHz/1 Gbps (RJ45 M/M), White, 1 ft.
N200-001-YW TRIPPLITE-N200-001-YW Datasheet
173Kb / 3P
Premium Cat5/5e/6 Gigabit Molded Patch Cable, 24 AWG, 550 MHz/1 Gbps (RJ45 M/M), Yellow, 1 ft.
logo
Schneider Electric
VW3CANCARR1 SCHNEIDER-VW3CANCARR1 Datasheet
70Kb / 2P
CANopen cable - 2 x RJ45 - cable 1 m
Sep 18, 2021
TCSCCN4F3M1T SCHNEIDER-TCSCCN4F3M1T Datasheet
85Kb / 2P
CANopen cable - 1 x RJ45 - cable 1 m
May 2, 2022
TCSCCN4F3M3T SCHNEIDER-TCSCCN4F3M3T Datasheet
85Kb / 2P
CANopen cable - 1 x RJ45 - cable 3 m
May 2, 2022
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com