| Manufacturer | Part # | Datasheet | Description |
 ON Semiconductor |
NCP5661
|
111Kb / 12P |
Low Output Voltage,Ultra-Fast 1.0 A Low Dropout Linear Regulator with Enable
July, 2005 ??Rev. 3 |
|
NCP5663
|
377Kb / 12P |
Low Output Voltage, Ultra?묯ast 3.0 A Low Dropout Linear Regulator with Enable
June, 2005 ??Rev. 2 |
|
NCP5661
|
122Kb / 12P |
Low Output Voltage, Ultra?묯ast 1.0 A Low Dropout Linear Regulator with Enable
November, 2006 ??Rev. 7 |
|
NCP5662
|
615Kb / 14P |
Low Output Voltage, Ultra?묯ast 2.0 A Low Dropout Linear Regulator with Enable
January, 2007 ??Rev. 7 |
 Richtek Technology Corp... |
RT2515A
|
261Kb / 9P |
2A, Low Input Voltage, Ultra-Low Dropout Linear Regulator with Enable
|
 ON Semiconductor |
NCP5661DT18RKG
|
188Kb / 12P |
Low Output Voltage, Ultra-Fast 1.0 A Low Dropout Linear Regulator with Enable
May, 2013 ??Rev. 17 |
|
NCP5662
|
643Kb / 15P |
Low Output Voltage Ultra-Fast 2.0 A Low Dropout Linear Regulator with Enable
May, 2013 ??Rev. 15 |
|
NCP5663
|
423Kb / 12P |
Low Output Voltage, Ultra-Fast 3.0 A Low Dropout Linear Regulator with Enable
May, 2013 ??Rev. 6 |
|
NCP5661
|
114Kb / 12P |
Low Output Voltage Ultra-Fast 1.0 A Low Dropout Linear Regulator
October, 2014 ??Rev. 18 |
|
NCP5663
|
483Kb / 13P |
Linear Regulator - Low Output Voltage, Ultra-Fast Low Dropout, Enable 3.0 A
October, 2019 - Rev. 6 |