| Manufacturer | Part # | Datasheet | Description |
 Texas Instruments |
TPS25982
|
3Mb / 43P |
2.7 V to 24 V, 15-A, 3-m廓 Smart eFuse With Accurate Load Monitoring and Adjustable Transient Fault Management
|
|
TPS2596
|
3Mb / 39P |
2.7 to 19 V, 0.13 to 2-A, 85-m廓 eFuse With Accurate Current Monitor and Fast Overvoltage Protection
|
|
TPS25982
|
5Mb / 56P |
TPS25982 2.7 V to 24 V, 15-A, 2.7-m廓 Smart eFuse With 1.5% Accurate Load Current Monitoring and Adjustable Transient Fault Management
|
|
TPS25980
|
6Mb / 55P |
TPS25980: 2.7- 24 V, 8 A, 3 m廓 Smart eFuse - Integrated Hot-swap Protection With Adjustable Transient Fault Management
|
|
TPS2597
|
2Mb / 53P |
TPS2597xx 2.7 V??3 V, 7-A, 9.8-m廓 eFuse With Accurate Current Monitor and Transient Overcurrent Blanking
DECEMBER 2021 |
|
TPS2597
|
2Mb / 54P |
TPS2597xx 2.7 V??3 V, 7-A, 9.8-m廓 eFuse With Accurate Current Monitor and Transient Overcurrent Blanking
JANUARY 2022 |
|
TPS25981
|
5Mb / 47P |
TPS25981x 2.7 V??6 V, 10-A, 6-m廓 eFuse with Transient Overcurrent Blanking Timer
APRIL 2022 |
|
TPS22811
|
3Mb / 42P |
TPS22811x 2.7 V??6 V, 10-A, 6-m廓 Load Switch with Adjustable Overvoltage Protection and Current Monitoring
APRIL 2022 |
|
TPS25983X
|
5Mb / 52P |
TPS25983 2.7-V to 26-V, 2.7-mΩ, 18-A Integrated Hot-Swap with Accurate Load Current Monitoring and Adjustable Transient Fault Management
AUGUST 2023 |
|
TPS25983
|
4Mb / 57P |
TPS25983 2.7-V to 26-V, 2.7-mΩ, 18-A Integrated Hot-Swap with Accurate Load Current Monitoring and Adjustable Transient Fault Management
REVISED OCTOBER 2023 |