| Manufacturer | Part # | Datasheet | Description |
 Cree, Inc |
CGH40180PP
|
2Mb / 13P |
180 W, RF Power GaN HEMT
Rev 3.0 |
|
CGHV40050F
|
866Kb / 11P |
50 W, DC - 4.0 GHz, 50 V, GaN HEMT
Rev 1.0 |
|
CGHV40050
|
2Mb / 11P |
50 W, DC - 4.0 GHz, 50 V, GaN HEMT
|
|
CGHV40200PP
|
713Kb / 13P |
200 W, 50 V, GaN HEMT
|
|
CGHV40180P
|
1Mb / 12P |
180 W, DC - 2000 MHz, 50 V, GaN HEMT
|
 WOLFSPEED, INC. |
CGH40180PP
|
6Mb / 14P |
180 W, RF Power GaN HEMT
Rev. 3.3, 2022-11-17 |
|
CGHV40050
|
2Mb / 11P |
50 W, DC - 4.0 GHz, 50 V, GaN HEMT
Rev. 2.4, 2022-12-2 |
|
CGHV40180F
|
2Mb / 16P |
180 W, DC - 2.0 GHz, 50 V, GaN HEMT
Rev. 2.0, 2022-8-30 |
|
CGHV40180P
|
713Kb / 11P |
180 W, DC - 2.0 GHz, 50 V, GaN HEMT
Rev 1.3 - April 2020 |
|
CGHV40200PP
|
1Mb / 12P |
200 W, 50 V, GaN HEMT
Rev. 1.5, 2022-12-8 |