Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

N484-00U Datasheet (PDF) - Tripp Lite. All Rights Reserved

Part # N484-00U
Description  High Density Copper / Fiber Cassette Sleeve, 0U, 1-Cassette Capacity
File Size   168.77 Kbytes
Html View  1   2 
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

N484-00U Datasheet (PDF) - Tripp Lite. All Rights Reserved



Similar Part No. - N484-00U

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
N484-01U TRIPPLITE-N484-01U Datasheet
164Kb / 2P
High Density Copper / Fiber Enclosure Panel, 1U, 4-Cassette Capacity
More results


Similar Description - N484-00U

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
N48201U TRIPPLITE-N48201U Datasheet
489Kb / 2P
High Density Fiber Enclosure Panel, 1U, 5-Cassette Capacity
N48202U TRIPPLITE-N48202U Datasheet
496Kb / 2P
High Density Fiber Enclosure Panel, 2U, 14-Cassette Capacity
N482-00U TRIPPLITE-N482-00U Datasheet
169Kb / 2P
High-Density Fiber Cassette Sleeve, 0U, 1-Cassette Capacity
N482-01U TRIPPLITE-N482-01U Datasheet
159Kb / 2P
High Density Fiber Enclosure Panel, 1U, 5-Cassette Capacity
N482-02U TRIPPLITE-N482-02U Datasheet
161Kb / 2P
High Density Fiber Enclosure Panel, 2U, 14-Cassette Capacity
N484-01U TRIPPLITE-N484-01U Datasheet
164Kb / 2P
High Density Copper / Fiber Enclosure Panel, 1U, 4-Cassette Capacity
logo
Molex Electronics Ltd.
1064800001 MOLEX-1064800001 Datasheet
42Kb / 1P
High-Density Rack-Mount Fiber Enclosure, 1RU, 12 Slim Cassette / 144-Port Capacity
1064800103 MOLEX-1064800103 Datasheet
44Kb / 1P
Rack-Mount Fiber Enclosure, 4RU, 12 LGX Cassette / 288-Port Capacity
1064800006 MOLEX-1064800006 Datasheet
40Kb / 1P
Super High-Density Rack-Mount Fiber Enclosure, 1RU, 8 SHD Cassette / 192-Port Capacity, Extended Front Door
1064810020 MOLEX-1064810020 Datasheet
38Kb / 1P
Super High-Density Cassette, 8 MTP Adapter
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com