Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

2SCR582D3 Datasheet (PDF) - Rohm

Part # 2SCR582D3
Description  NPN 10A 30V Power Transistor
File Size   1741.26 Kbytes
Html View  1   2   3   4   5   6   7   8   9    Next
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

2SCR582D3 Datasheet (PDF) - Rohm



Similar Part No. - 2SCR582D3

ManufacturerPart #DatasheetDescription
logo
Rohm
2SCR582D3FRA ROHM-2SCR582D3FRA Datasheet
1Mb / 9P
NPN 10A 30V Power Transistor
Rev.004
2SCR582D3FRATL ROHM-2SCR582D3FRATL Datasheet
1Mb / 9P
NPN 10A 30V Power Transistor
Rev.004
More results


Similar Description - 2SCR582D3

ManufacturerPart #DatasheetDescription
logo
Shindengen Electric Mfg...
2SC4058 SHINDENGEN-2SC4058 Datasheet
522Kb / 12P
Switching Power Transistor(10A NPN)
2SC4149 SHINDENGEN-2SC4149 Datasheet
396Kb / 8P
Switching Power Transistor(10A NPN)
2SC4237 SHINDENGEN-2SC4237 Datasheet
516Kb / 12P
Switching Power Transistor(10A NPN)
2SC4581 SHINDENGEN-2SC4581 Datasheet
443Kb / 10P
Switching Power Transistor(10A NPN)
2SC4585 SHINDENGEN-2SC4585 Datasheet
437Kb / 10P
Switching Power Transistor(10A NPN)
2SC4669 SHINDENGEN-2SC4669 Datasheet
404Kb / 9P
Switching Power Transistor(10A NPN)
2SC4982 SHINDENGEN-2SC4982 Datasheet
401Kb / 8P
Switching Power Transistor(10A NPN)
logo
Rohm
2SCR572D3 ROHM-2SCR572D3 Datasheet
1Mb / 11P
NPN 5.0A 30V Power Transistor
2SAR582D3 ROHM-2SAR582D3 Datasheet
1Mb / 11P
PNP -10A -30V Power Transistor
2SCR572D3FRA ROHM-2SCR572D3FRA Datasheet
1Mb / 10P
NPN 5.0A 30V Power Transistor
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com