Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

FTLX1671D3BTL Datasheet (PDF) - Finisar Corporation.

Part # FTLX1671D3BTL
Description  10GGb/s Industrial Temperature 40Km Datacom SFP Transceiver
File Size   474.46 Kbytes
Html View  1   2   3   4   5   6   7   8   9    Next
Manufacturer  FINISAR [Finisar Corporation.]
Direct Link  http://www.finisar.com/home.php
Logo FINISAR - Finisar Corporation.

FTLX1671D3BTL Datasheet (PDF) - Finisar Corporation.



Similar Part No. - FTLX1671D3BTL

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
FTLX1671D3BTL FRONTIER-FTLX1671D3BTL Datasheet
1Mb / 5P
Product Guide
More results


Similar Description - FTLX1671D3BTL

ManufacturerPart #DatasheetDescription
logo
Source Photonics, Inc.
SP-GB-EX-CDA SOURCE-SP-GB-EX-CDA Datasheet
485Kb / 7P
40km GbE SFP Transceiver
SP-4F-04-CDA SOURCE-SP-4F-04-CDA Datasheet
461Kb / 7P
4.25Gb/s 40km SFP Transceiver
logo
Finisar Corporation.
FTLX8573D3BTL FINISAR-FTLX8573D3BTL Datasheet
650Kb / 12P
RoHS-6 Compliant Industrial Temperature 10Gb/s 850nm Multimode SFP Datacom Transceiver
logo
OPLINK Communications I...
TPP1XGJERXG-0985 OPLINK-TPP1XGJERXG-0985 Datasheet
266Kb / 6P
1550nm 40km SFP Transceiver
logo
Finisar Corporation.
FTLX1471D3BTL FINISAR-FTLX1471D3BTL Datasheet
658Kb / 11P
RoHS-6 Compliant 10Gb/s Industrial Temperature 10km Single Mode Datacom SFP Transceiver
FTLX8574D3BCL FINISAR-FTLX8574D3BCL Datasheet
793Kb / 12P
10Gb/s 850nmMultimode Datacom SFP Transceiver
FTLX8574D3BNL FINISAR-FTLX8574D3BNL Datasheet
547Kb / 12P
ExtendedTemperature 10Gb/s 850nm SFP Datacom Transceiver
FTLX1671D3BCL FINISAR-FTLX1671D3BCL Datasheet
472Kb / 11P
RoHS--6 Complliant 10Gb/s 40km Datacom SFP Transceiver
FTLX3671DTC20 FINISAR-FTLX3671DTC20 Datasheet
505Kb / 13P
Industrial Temperature DWDM 1.2G-11.3G, 40km SFP Transceiver
FTLX3671MTC20 FINISAR-FTLX3671MTC20 Datasheet
502Kb / 14P
Industrial Temperature DWDM 10G Multi-Rate, 40km SFP Transceiver
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com