Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

GRF2081 Datasheet (PDF) - Guerrilla RF, Inc.

Part # GRF2081
Description  Ultra-LNA with Shutdown Tuning Range: 0.7 ??2.7 GHz
File Size   1366.96 Kbytes
Html View  1   2   3   4   5   6   7   8   9    Next
Manufacturer  GUERRILLA [Guerrilla RF, Inc.]
Direct Link  https://www.guerrilla-rf.com/
Logo GUERRILLA - Guerrilla RF, Inc.

GRF2081 Datasheet (PDF) - Guerrilla RF, Inc.



Similar Part No. - GRF2081

ManufacturerPart #DatasheetDescription
logo
Guerrilla RF, Inc.
GRF2080 GUERRILLA-GRF2080 Datasheet
834Kb / 11P
Ultra-LNA with Shutdown Tuning Range: 0.1 to 1.5 GHz
GRF2082 GUERRILLA-GRF2082 Datasheet
1Mb / 11P
Ultra-LNA with Shutdown Tuning Range: 1.5 to 3.8 GHz
GRF2083 GUERRILLA-GRF2083 Datasheet
800Kb / 10P
Ultra-LNA with Shutdown Tuning Range: 2.0 to 6.0 GHz
More results


Similar Description - GRF2081

ManufacturerPart #DatasheetDescription
logo
Guerrilla RF, Inc.
GRF2071 GUERRILLA-GRF2071 Datasheet
1Mb / 11P
Ultra-Low Noise Amplifier Tuning Range: 0.7 ??2.7 GHz
GRF2071-W GUERRILLA-GRF2071-W Datasheet
1Mb / 14P
Ultra-Low Noise Amplifier Tuning Range: 0.7 to 2.7 GHz
GRF2077 GUERRILLA-GRF2077 Datasheet
1Mb / 13P
Failsafe Bypass LNA Tuning Range: 0.7 ??3.8 GHz
GRF2080 GUERRILLA-GRF2080 Datasheet
834Kb / 11P
Ultra-LNA with Shutdown Tuning Range: 0.1 to 1.5 GHz
GRF2082 GUERRILLA-GRF2082 Datasheet
1Mb / 11P
Ultra-LNA with Shutdown Tuning Range: 1.5 to 3.8 GHz
GRF2083 GUERRILLA-GRF2083 Datasheet
800Kb / 10P
Ultra-LNA with Shutdown Tuning Range: 2.0 to 6.0 GHz
GRF2130 GUERRILLA-GRF2130 Datasheet
725Kb / 10P
Ultra-High Gain LNA Tuning Range: 0.7 to 3.8 GHz
GRF5511 GUERRILLA-GRF5511 Datasheet
1Mb / 18P
High Frequency Power-LNA??Tuning Range: 0.7 ??6.0 GHz
GRF2133 GUERRILLA-GRF2133 Datasheet
1,004Kb / 15P
Ultra-High Gain LNA Tuning Range: 0.1 to 2.7 GHz
05/28/21
GRF2133W GUERRILLA-GRF2133W Datasheet
1,010Kb / 15P
Ultra-High Gain LNA Tuning Range: 0.1 to 2.7 GHz
1/26/23
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com