Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

GRF5020 Datasheet (PDF) - Guerrilla RF, Inc.

Part # GRF5020
Description  30.5 dBm Power-LNA??Tuning Range: 0.1 ??3.8 GHz
File Size   1157.39 Kbytes
Html View  1   2   3   4   5   6   7   8   9    Next
Manufacturer  GUERRILLA [Guerrilla RF, Inc.]
Direct Link  https://www.guerrilla-rf.com/
Logo GUERRILLA - Guerrilla RF, Inc.

GRF5020 Datasheet (PDF) - Guerrilla RF, Inc.



Similar Part No. - GRF5020

ManufacturerPart #DatasheetDescription
logo
Guerrilla RF, Inc.
GRF5010 GUERRILLA-GRF5010 Datasheet
1Mb / 18P
28.5 dBm Power-LNA™ Tuning Range: 0.05 – 6.0 GHz
10/01/19
GRF5040 GUERRILLA-GRF5040 Datasheet
1,009Kb / 15P
31.0 dBm Power-LNA™ Tuning Range: 0.1 – 3.8 GHz
10/01/19
More results


Similar Description - GRF5020

ManufacturerPart #DatasheetDescription
logo
Guerrilla RF, Inc.
GRF2077 GUERRILLA-GRF2077 Datasheet
1Mb / 13P
Failsafe Bypass LNA Tuning Range: 0.7 ??3.8 GHz
GRF2140 GUERRILLA-GRF2140 Datasheet
1Mb / 16P
Low Current LNA w/Bypass Tuning Range: 0.1 to 3.8 GHz
GRF2374 GUERRILLA-GRF2374 Datasheet
1Mb / 19P
Low Current LNA w/Bypass Tuning Range: 0.1 to 3.8 GHz
GRF5109 GUERRILLA-GRF5109 Datasheet
1Mb / 14P
28.3 dBm Power-LNA??Tuning Range: 0.1 ??1.5 GHz
GRF5110 GUERRILLA-GRF5110 Datasheet
1Mb / 14P
28.8 dBm Power-LNA??Tuning Range: 1.5 ??3.8 GHz
GRF4004 GUERRILLA-GRF4004 Datasheet
894Kb / 13P
Broadband LNA/Linear Driver Tuning Range: 0.1—3.8 GHz
10/01/19
GRF4005 GUERRILLA-GRF4005 Datasheet
937Kb / 13P
Broadband LNA/Linear Driver Tuning Range: 0.1—3.8 GHz
10/01/19
GRF5010 GUERRILLA-GRF5010 Datasheet
1Mb / 18P
28.5 dBm Power-LNA™ Tuning Range: 0.05 – 6.0 GHz
10/01/19
GRF5040 GUERRILLA-GRF5040 Datasheet
1,009Kb / 15P
31.0 dBm Power-LNA™ Tuning Range: 0.1 – 3.8 GHz
10/01/19
GRF5115 GUERRILLA-GRF5115 Datasheet
1Mb / 15P
33.0 dBm Power-LNA™ Tuning Range: 0.1 – 2.7 GHz
09/01/21
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com