| Manufacturer | Part # | Datasheet | Description |
 NXP Semiconductors |
PSMN5R5-60YS
|
261Kb / 15P |
N-channel LFPAK 60 V, 5.2 m廓 standard level FET
Rev. 02-24 December 2009 |
|
PSMN7R0-60YS
|
247Kb / 15P |
N-channel LFPAK 60 V 6.4 m廓 standard level MOSFET
Rev. 02-30 March 2010 |
|
PSMN8R5-60YS
|
250Kb / 15P |
N-channel LFPAK 60 V, 8 m廓 standard level MOSFET
Rev. 01-22 December 2009 |
|
PSMN012-60YS
|
241Kb / 15P |
N-channel LFPAK 60 V, 11.1 m廓 standard level MOSFET
Rev. 01-5 January 2010 |
|
PSMN017-60YS
|
251Kb / 15P |
N-channel LFPAK 60 V 15.7 m廓 standard level MOSFET
Rev. 02-1 April 2010 |
|
PSMN030-60YS
|
238Kb / 13P |
N-channel LFPAK 60 V 24.7 m廓 standard level MOSFET
Rev. 01-11 February 2010 |
|
PSMN030-60YS_1010
|
228Kb / 15P |
N-channel LFPAK 60 V 24.7 m廓 standard level MOSFET
Rev. 02-25 October 2010 |
|
PSMN4R0-60YS
|
272Kb / 13P |
N-channel LFPAK 60 V, 4.0 m廓 standard level FET
14 May 2015 |
|
PSMN8R5-60YS
|
258Kb / 14P |
N-channel LFPAK 60 V, 8 m廓 standard level MOSFET
22 July 2015 |
 Nexperia B.V. All right... |
PSMN5R5-60YS
|
756Kb / 15P |
N-channel LFPAK 60 V, 5.2 mΩ standard level FET
Rev. 02 - 24 December 2009 |