Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

P130-06N-AUDIO Datasheet (PDF) - Tripp Lite. All Rights Reserved

Part # P130-06N-AUDIO
Description  UHD 4K x 2K @ 30 Hz HDMI Audio De-Embedder/Extractor with Built-In HDMI Cable
File Size   171.47 Kbytes
Html View  1   2   3 
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

P130-06N-AUDIO Datasheet (PDF) - Tripp Lite. All Rights Reserved



Similar Part No. - P130-06N-AUDIO

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
P130-06N-DP-V2 TRIPPLITE-P130-06N-DP-V2 Datasheet
177Kb / 3P
HDMI to DisplayPort Active Converter 4K with USB Power, HDMI to DisplayPort (M/F), 4096 x 2160/4K x 2K @ 30 Hz, 6 in.
More results


Similar Description - P130-06N-AUDIO

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
B119-002-UHD TRIPPLITE-B119-002-UHD Datasheet
493Kb / 2P
2-Port HDMI Switch for Video and Audio, 4K x 2K UHD 60 Hz (HDMI F/2xF) with Remote Control
B119-004-UHD TRIPPLITE-B119-004-UHD Datasheet
490Kb / 2P
4-Port HDMI Switch for Video and Audio, 4K x 2K UHD 60 Hz (HDMI F/4xF) with Remote Control
P130-000-AUDIO TRIPPLITE-P130-000-AUDIO Datasheet
493Kb / 2P
UHD 4K x 2K 30 Hz HDMI Audio De-Embedder Extractor
P142-06N-SC4K TRIPPLITE-P142-06N-SC4K Datasheet
495Kb / 2P
HDMI 4K x 2K UHD Upscaler
P569-006-CERT TRIPPLITE-P569-006-CERT Datasheet
173Kb / 3P
Premium High-Speed HDMI Cable with Ethernet and Gripping Connectors, HDMI 2.0, UHD 4K x 2K @ 60 Hz (M/M), 6 ft.
P569-010-CERT TRIPPLITE-P569-010-CERT Datasheet
175Kb / 3P
Premium High-Speed HDMI Cable with Ethernet and Gripping Connectors, HDMI 2.0, UHD 4K x 2K @ 60 Hz (M/M), 10 ft.
P569-015-CERT TRIPPLITE-P569-015-CERT Datasheet
175Kb / 3P
Premium High-Speed HDMI Cable with Ethernet and Gripping Connectors, HDMI 2.0, UHD 4K x 2K @ 60 Hz (M/M), 15 ft.
B119-003-UHD-MN TRIPPLITE-B119-003-UHD-MN Datasheet
168Kb / 3P
3-Port HDMI Mini Switch for Video and Audio, 4K x 2K UHD @ 30 Hz (HDMI F/3xF) with Remote Control
P130-000-AUD4K6 TRIPPLITE-P130-000-AUD4K6 Datasheet
165Kb / 3P
4K HDMI Audio Extractor with TOSLINK, RCA and 3.5 mm Stereo Output, 7.1 Channel, HDCP 2.2, 4K x 2K @ 60 Hz
P569-003-CERT TRIPPLITE-P569-003-CERT Datasheet
181Kb / 3P
Premium High-Speed HDMI Cable with Ethernet and Gripping Connectors, HDMI 2.0, UHD 4K x 2K @ 60 Hz (M/M), 3 ft.
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com