Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

3120A Datasheet (PDF) - Belden Inc.

Part # 3120A
Description  DeviceBus짰 for InterBus짰-S, 3 Pr #24 Str TC, PO Ins, OSTC Brd, PUR Jkt, AWM 20233
File Size   252.3 Kbytes
Html View  1   2   3 
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

3120A Datasheet (PDF) - Belden Inc.



Similar Part No. - 3120A

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
3120 ALLEGRO-3120 Datasheet
408Kb / 8P
HALL-EFFECT SWITCHES
logo
List of Unclassifed Man...
3120 ETC2-3120 Datasheet
113Kb / 2P
FLAT WASHERS NYLON FIBRE
3120 ETC2-3120 Datasheet
158Kb / 3P
3/8 Square Drive Sockets, SAE
logo
KR Electronics, Inc.
3120 KR-3120 Datasheet
130Kb / 2P
Negative Slope Equalizer
logo
List of Unclassifed Man...
3120 ETC2-3120 Datasheet
68Kb / 1P
WASHERS
More results


Similar Description - 3120A

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
3108A BELDEN-3108A Datasheet
251Kb / 3P
RS485, 3 Pr #22 Str TC, PO Ins, OSTC Brd, PVC Jkt, CM
7202A BELDEN-7202A Datasheet
241Kb / 3P
MachFlex?? 3 Pr #24 Str BC, PO Ins, OSTC Brd, PVC Jkt, CM
9841ZH BELDEN-9841ZH Datasheet
245Kb / 3P
RS485, 1 Pr #24 Str TC, PO Ins, OSTC Brd, LSZH Jkt, CMG AWM 21088
9843 BELDEN-9843 Datasheet
258Kb / 3P
RS485, 3 Pr #24 Str TC, PO Ins, OSTC Brd, PVC Jkt, CM
3119A BELDEN-3119A Datasheet
252Kb / 3P
DeviceBus짰 for InterBus짰-S, 3 Pr #1824 Str TC, PVCPO Ins, OSTC Brd, PUR Jkt, AWM 20233
9729ZH BELDEN-9729ZH Datasheet
157Kb / 2P
Electronic, 2 Pr #24 Str TC, PO Ins, OSTC Brd, LSZH Jkt, CMG
05-05-2023
9841LV BELDEN-9841LV Datasheet
158Kb / 3P
RS485, 1 Pr #24 Str TC, PO Ins, OSTC Brd, LSZH Jkt, B2ca
11-09-2022
9842LV BELDEN-9842LV Datasheet
178Kb / 3P
RS485, 2 Pr #24 Str TC, PO Ins, OSTC Brd, LSZH Jkt, B2ca
11-09-2022
9842LW BELDEN-9842LW Datasheet
178Kb / 3P
RS485, 2 Pr #24 Str TC, PO Ins, OSTC Brd, LSZH Jkt, Cca
02-23-2023
9841LW BELDEN-9841LW Datasheet
158Kb / 3P
RS485, 1 Pr #24 Str TC, PO Ins, OSTC Brd, LSZH Jkt, Cca
11-09-2022
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com