| Manufacturer | Part # | Datasheet | Description |
 Xicor Inc. |
X4643
|
408Kb / 22P |
CPU Supervisor with 64K EEPROM
|
|
X4283
|
412Kb / 22P |
CPU Supervisor with 128K EEPROM
|
 Intersil Corporation |
X4043
|
373Kb / 24P |
CPU Supervisor with 4kbit EEPROM
September 30, 2005 |
|
X4163
|
352Kb / 22P |
CPU Supervisor with 16K EEPROM
May 12, 2006 |
|
X4283
|
344Kb / 22P |
CPU Supervisor with 128K EEPROM
May 23, 2006 |
|
X4323
|
342Kb / 22P |
CPU Supervisor with 32k EEPROM
May 25, 2006 |
|
X4043-45
|
420Kb / 24P |
CPU Supervisor with 4kbit EEPROM
December 9, 2015 |
|
X4163-65
|
345Kb / 22P |
CPU Supervisor with 16K EEPROM
November 26, 2007 |
 Renesas Technology Corp |
X4163
|
880Kb / 22P |
16K, 2K x 8 Bit CPU Supervisor with 16K EEPROM
November 26, 2007 |
|
X4283
|
881Kb / 22P |
128K, 16K x 8 Bit CPU Supervisor with 128K EEPROM
May 23, 2006 |