Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

2976831 Datasheet (PDF) - PHOENIX CONTACT

Part # 2976831
Description  Diode block - UMK- DIO18E-1N5408
File Size   39.24 Kbytes
Html View  1 
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

2976831 Datasheet (PDF) - PHOENIX CONTACT



Similar Part No. - 2976831

ManufacturerPart #DatasheetDescription
logo
Heyco.
2976 HEYCO-2976 Datasheet
117Kb / 1P
Pry Out Plugs
logo
Adafruit Industries
2976 ADAFRUIT-2976 Datasheet
200Kb / 1P
Stranded-Core Wire Spool - 25ft - 22AWG - Black
logo
PHOENIX CONTACT
2976077 PHOENIX-2976077 Datasheet
50Kb / 2P
Mounting flange - UMK- BF
logo
Weidmuller
2976100000 WEIDMULLER-2976100000 Datasheet
274Kb / 4P
BVZ 7.62HP/08/180FC SN BK BX SO
logo
PHOENIX CONTACT
2976116 PHOENIX-2976116 Datasheet
67Kb / 4P
Active module - UMK- 8 RELS/KSR-G24/1/NPE/PLC
More results


Similar Description - 2976831

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2971917 PHOENIX-2971917 Datasheet
56Kb / 2P
UMK-FE BK
2949389 PHOENIX-2949389 Datasheet
67Kb / 3P
Diode block - EMG 45-DIO 8E-1N5408
2952790 PHOENIX-2952790 Datasheet
111Kb / 4P
EMG 22-DIO 4E-1N5408
2954879 PHOENIX-2954879 Datasheet
94Kb / 3P
EMG 45-DIO 8P-1N5408
2954882 PHOENIX-2954882 Datasheet
94Kb / 3P
EMG 45-DIO 8M-1N5408
2971357 PHOENIX-2971357 Datasheet
124Kb / 4P
UMK- 8 RM24
2971302 PHOENIX-2971302 Datasheet
121Kb / 4P
UMK- PVB
2972136 PHOENIX-2972136 Datasheet
124Kb / 4P
UMK- PVB 6
logo
WAGO Kontakttechnik Gmb...
289-105 WAGO-289-105 Datasheet
246Kb / 6P
Component module with diode; with 9 pcs; Diode 1N5408; 2,50 mm짼
23.11.2021
logo
PHOENIX CONTACT
2952198 PHOENIX-2952198 Datasheet
66Kb / 4P
Diode block - EMG 22-DIO 4P-1N5408
09/12/2020
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com