Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NTMFS015N15MC Datasheet (PDF) - ON Semiconductor

Part # NTMFS015N15MC
Description  MOSFET - N-Channel Shielded Gate PowerTrench 150 V, 14 m, 61 A
File Size   231.02 Kbytes
Html View  1   2   3   4   5   6   7   8 
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NTMFS015N15MC Datasheet (PDF) - ON Semiconductor



Similar Part No. - NTMFS015N15MC

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTMFS015N10MCL ONSEMI-NTMFS015N10MCL Datasheet
172Kb / 7P
MOSFET - Power, Single N-Channel 100 V, 12.2 m, 54 A
April, 2020 ??Rev. 2
NTMFS015N10MCLT1G ONSEMI-NTMFS015N10MCLT1G Datasheet
172Kb / 7P
MOSFET - Power, Single N-Channel 100 V, 12.2 m, 54 A
April, 2020 ??Rev. 2
More results


Similar Description - NTMFS015N15MC

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDMC86570L FAIRCHILD-FDMC86570L Datasheet
352Kb / 7P
N-Channel Shielded Gate PowerTrench MOSFET 60 V, 56 A, 4.3 m
logo
ON Semiconductor
NTDS015N15MC ONSEMI-NTDS015N15MC Datasheet
148Kb / 6P
MOSFET - N-Channel Shielded Gate PowerTrench 150 V, 15 m, 50 A
May, 2020 ??Rev. 2
NTMFS034N15MC ONSEMI-NTMFS034N15MC Datasheet
223Kb / 8P
MOSFET - N-Channel Shielded Gate PowerTrench 150 V, 31 m, 31 A
May, 2020 ??Rev. 0
NTP5D0N15MC ONSEMI-NTP5D0N15MC Datasheet
151Kb / 6P
MOSFET - N-Channel Shielded Gate PowerTrench 150 V, 5.0 m, 139 A
April, 2020 ??Rev. 1
NTP7D3N15MC ONSEMI-NTP7D3N15MC Datasheet
147Kb / 6P
MOSFET - N-Channel Shielded Gate PowerTrench 150 V, 7.3 m, 101 A
May, 2020 ??Rev. 0
NTP011N15MC ONSEMI-NTP011N15MC Datasheet
145Kb / 6P
MOSFET - N-Channel Shielded Gate PowerTrench 150 V, 10.9 m, 74.3 A
May, 2020 ??Rev. 1
FDP2D9N12C ONSEMI-FDP2D9N12C Datasheet
306Kb / 7P
MOSFET - N-Channel, Shielded Gate PowerTrench 120 V, 2.95 m, 181 A
October, 2019 ??Rev. 1
NTMFS7D5N15MC ONSEMI-NTMFS7D5N15MC Datasheet
281Kb / 9P
MOSFET - N-Channel Shielded Gate PowerTrench 150 V, 7.9 m, 95.6 A
January, 2021-Rev. 1
NTTFS034N15MC ONSEMI-NTTFS034N15MC Datasheet
329Kb / 7P
MOSFET - Power, Single N-Channel, Shielded Gate, PowerTrench 150 V, 31 m, 27 A
October, 2020-Rev. 0
NTTFS8D1N08H ONSEMI-NTTFS8D1N08H Datasheet
307Kb / 8P
MOSFET - Power, N-Channel, Shielded Gate 80 V, 8.3 m, 61 A
October, 2019 ??Rev. 1
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com