Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NTMYS2D4N04C Datasheet (PDF) - ON Semiconductor

Part # NTMYS2D4N04C
Description  Power MOSFET 40 V, 2.3 m, 138 A, Single N?묬hannel
File Size   203.51 Kbytes
Html View  1   2   3   4   5   6 
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NTMYS2D4N04C Datasheet (PDF) - ON Semiconductor



Similar Part No. - NTMYS2D4N04C

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTMYS2D2N06CL ONSEMI-NTMYS2D2N06CL Datasheet
348Kb / 7P
MOSFET – Power, Single, N-Channel
September, 2023 - Rev. 2
NTMYS2D9N04CL ONSEMI-NTMYS2D9N04CL Datasheet
341Kb / 7P
MOSFET ??Power, Single, N-Channel 40 V, 2.8 m, 110 A
June, 2019-Rev. 1
NTMYS2D9N04CLTWG ONSEMI-NTMYS2D9N04CLTWG Datasheet
341Kb / 7P
MOSFET ??Power, Single, N-Channel 40 V, 2.8 m, 110 A
June, 2019-Rev. 1
More results


Similar Description - NTMYS2D4N04C

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NVMFS5830NL ONSEMI-NVMFS5830NL Datasheet
116Kb / 6P
40 V, 2.3 m, 185 A, Single N?묬hannel
May, 2012 ??Rev. 0
NTMJS1D2N04CL ONSEMI-NTMJS1D2N04CL Datasheet
356Kb / 7P
Power MOSFET 40 V, 1.2 m, 237 A, Single N?묬hannel
December, 2018-Rev. 0
NTMJS1D3N04C ONSEMI-NTMJS1D3N04C Datasheet
346Kb / 7P
Power MOSFET 40 V, 1.3 m, 235 A, Single N?묬hannel
November, 2018-Rev. 1
NTMJS1D5N04CL ONSEMI-NTMJS1D5N04CL Datasheet
356Kb / 7P
Power MOSFET Single N?묬hannel, 40 V, 1.4 m, 200 A
March, 2019-Rev. 0
NTMTS0D6N04C ONSEMI-NTMTS0D6N04C Datasheet
306Kb / 8P
Power MOSFET 40 V, 0.48 m, 533 A, Single N?묬hannel
January, 2019-Rev. 1
NTMTS0D6N04CL ONSEMI-NTMTS0D6N04CL Datasheet
316Kb / 8P
Power MOSFET 40 V, 0.42 m, 554.5 A, Single N?묬hannel
January, 2019-Rev. 1
NTMYS7D3N04CL ONSEMI-NTMYS7D3N04CL Datasheet
322Kb / 7P
Power MOSFET 40 V, 7.3 m, 52 A, Single N?묬hannel
March, 2019-Rev. 0
NTMYS011N04C ONSEMI-NTMYS011N04C Datasheet
322Kb / 7P
Power MOSFET 40 V, 12 m, 35 A, Single N?묬hannel
March, 2019-Rev. 0
NTMYS8D0N04C ONSEMI-NTMYS8D0N04C Datasheet
323Kb / 7P
Power MOSFET 40 V, 8.1 m, 49 A, Single N?묬hannel
March, 2019-Rev. 0
NVMYS2D4N04C ONSEMI-NVMYS2D4N04C Datasheet
279Kb / 7P
MOSFET ??Power, Single N-Channel 40 V, 2.3 m, 138 A
July, 2019 ??Rev. 0
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com