Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NVBGS4D1N15MC Datasheet (PDF) - ON Semiconductor

Part # NVBGS4D1N15MC
Description  MOSFET - Single N-Channel 150 V, 4.1 m, 185 A
File Size   233.7 Kbytes
Html View  1   2   3   4   5   6   7 
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NVBGS4D1N15MC Datasheet (PDF) - ON Semiconductor



Similar Part No. - NVBGS4D1N15MC

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NVBGS1D2N08H ONSEMI-NVBGS1D2N08H Datasheet
304Kb / 8P
MOSFET - Power, Single N-Channel, D2PAK7 80 V, 1.34 m, 290 A
March, 2021 ??Rev. 1
NVBGS6D5N15MC ONSEMI-NVBGS6D5N15MC Datasheet
417Kb / 7P
MOSFET - Power, Single N-Channel, D2PAK7 150 V, 7 m, 121 A
December, 2019-Rev. 0
More results


Similar Description - NVBGS4D1N15MC

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NVMFS5830NL ONSEMI-NVMFS5830NL Datasheet
116Kb / 6P
40 V, 2.3 m, 185 A, Single N?묬hannel
May, 2012 ??Rev. 0
NTBLS4D0N15MC ONSEMI-NTBLS4D0N15MC Datasheet
300Kb / 8P
MOSFET ??Single N-Channel 150 V, 4.4 m, 187 A
April, 2020 ??Rev. 3
NTBGS004N10G ONSEMI-NTBGS004N10G Datasheet
306Kb / 8P
MOSFET - Power, Single N-Channel, D2PAK7 100 V, 4.1 m, 203 A
January, 2021 ??Rev. 0
NTBGS4D1N15MC ONSEMI-NTBGS4D1N15MC Datasheet
356Kb / 8P
MOSFET - Single N-Channel 150 V, 4.1 m, 185 A
December, 2019 ??Rev. 0
NTD5C648NL ONSEMI-NTD5C648NL Datasheet
233Kb / 7P
MOSFET ??Power, Single, N-Channel 60 V, 4.1 m, 91 A
May, 2019??Rev.
NTTFS2D1N04HL ONSEMI-NTTFS2D1N04HL Datasheet
507Kb / 7P
MOSFET - Single N-Channel 40 V, 2.1 m, 150 A
May, 2020 ??Rev. 1
NVMJS1D7N04C ONSEMI-NVMJS1D7N04C Datasheet
363Kb / 7P
MOSFET ??Power, Single N-Channel 40 V, 1.7 m, 185 A
July, 2019 ??Rev. 1
NVMYS1D6N04CL ONSEMI-NVMYS1D6N04CL Datasheet
235Kb / 7P
MOSFET - Power, Single N-Channel 40 V, 1.6 m, 185 A
September, 2021 ??Rev.2
NVMYS2D2N06CL ONSEMI-NVMYS2D2N06CL Datasheet
346Kb / 7P
MOSFET ??Power, Single N-Channel 60 V, 2.0 m, 185 A
July, 2019 ??Rev. 0
NVCR8LS4D1N15MCA ONSEMI-NVCR8LS4D1N15MCA Datasheet
145Kb / 6P
MOSFET – Power, N-Channel 150 V, 4.1 m
June, 2022 - Rev. 0
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com