Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AFRX24-MFT95 Datasheet (PDF) - BELIMO AIRCONTROLS (USA), INC

Part # AFRX24-MFT95
Description  Modulating, Spring Return, 24 V, 0 to 135 廓 Input
File Size   1165.24 Kbytes
Html View  1   2   3 
Manufacturer  BELIMO [BELIMO AIRCONTROLS (USA), INC]
Direct Link  https://www.belimo.us/
Logo BELIMO - BELIMO AIRCONTROLS (USA), INC

AFRX24-MFT95 Datasheet (PDF) - BELIMO AIRCONTROLS (USA), INC



Similar Part No. - AFRX24-MFT95

ManufacturerPart #DatasheetDescription
logo
BELIMO AIRCONTROLS (USA...
AFRX24-MFT BELIMO-AFRX24-MFT Datasheet
1Mb / 3P
Modulating, Spring Return, 24 V, Multi-Function Technology
AFRX24-MFT-S BELIMO-AFRX24-MFT-S Datasheet
1Mb / 3P
Modulating, Spring Return, 24 V, Multi-Function Technology
AFRX24-MFT-SN4 BELIMO-AFRX24-MFT-SN4 Datasheet
1Mb / 3P
NEMA 4, Modulating, Spring Return, 24 V, Multi- Function Technology
AFRX24-MFTN4 BELIMO-AFRX24-MFTN4 Datasheet
1Mb / 3P
NEMA 4, Modulating, Spring Return, Direct Coupled, 24 V, Multi-Function Technology
More results


Similar Description - AFRX24-MFT95

ManufacturerPart #DatasheetDescription
logo
BELIMO AIRCONTROLS (USA...
AFB24-PC BELIMO-AFB24-PC Datasheet
621Kb / 3P
Modulating, Spring Return, 24 V, 0 to 10 V Phasecut Control Signal
AFX24-MFT95 BELIMO-AFX24-MFT95 Datasheet
1Mb / 3P
Modulating, Spring Return, 24 V, 0 to 135 A Input
AFX24-MFT95N4 BELIMO-AFX24-MFT95N4 Datasheet
1Mb / 4P
NEMA 4, Modulating, Spring Return, 24 V, 0 to 135 A Input
AMCX24-MFT95 BELIMO-AMCX24-MFT95 Datasheet
927Kb / 3P
Modulating, Non-Spring Return, 24 V, 135 A Input
AMX24-MFT95 BELIMO-AMX24-MFT95 Datasheet
932Kb / 3P
Modulating, Non-Spring Return, 24 V, 135 A Input
AMX24-PC BELIMO-AMX24-PC Datasheet
457Kb / 3P
Modulating, Non-Spring Return, 24 V, 0 to 20 V Phasecut
GMX24-PC BELIMO-GMX24-PC Datasheet
461Kb / 3P
Modulating, Non-Spring Return, 24 V, 0 to 20 V Phasecut
AFB24-MFT95 BELIMO-AFB24-MFT95 Datasheet
1Mb / 3P
Modulating, Spring Return, 24 V, 0 to 135 廓 Input
LMX24-MFT95 BELIMO-LMX24-MFT95 Datasheet
933Kb / 3P
Modulating, Non-Spring Return, 24 V, 135 廓
NMX24-MFT95 BELIMO-NMX24-MFT95 Datasheet
923Kb / 3P
Modulating, Non-Spring Return, 24 V, 0 to 135 廓 Input
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com