| Manufacturer | Part # | Datasheet | Description |
 Schneider Electric |
JGL36000S25LU
|
134Kb / 2P |
AUTOMATIC MOLDED CASE SWITCH 600V 250A
Sep 17, 2020 |
|
JGM36000S25
|
133Kb / 2P |
AUTOMATIC MOLDED CASE SWITCH 600V 250A
Sep 17, 2020 |
|
LLM36000S40X
|
137Kb / 2P |
AUTOMATIC MOLDED CASE SWITCH 600V 400A
Sep 23, 2020 |
|
LLM36000S60X
|
131Kb / 2P |
PowerPact L-Frame Automatic Molded Case Switch, 600V, 600A, 3P
Sep 25, 2020 |
|
PJF36000S10
|
125Kb / 2P |
AUTOMATIC MOLDED CASE SWITCH 600V 1000A
Oct 26, 2020 |
|
PJL26000S60
|
138Kb / 2P |
AUTOMATIC MOLDED CASE SWITCH 600V 600A
Oct 26, 2020 |
|
PJL36000S60
|
144Kb / 2P |
AUTOMATIC MOLDED CASE SWITCH 600V 600A
Oct 26, 2020 |
|
PJL36000S60ACSAMA
|
131Kb / 2P |
Automatic Molded Case Switch 600V 600A Shunt Trip, Motor Operator
Oct 26, 2020 |
|
PKF36000S60JK
|
65Kb / 2P |
Automatic Molded Case Switch 600V 600A, Kirk Keylock
Oct 29, 2020 |
|
LLA36000S60X
|
95Kb / 2P |
AUTOMATIC MOLDED CASE SWITCH 600V 600A
Aug 15, 2019 |