| Manufacturer | Part # | Datasheet | Description |
 Schneider Electric |
GV2ME20
|
183Kb / 8P |
Motor circuit breaker
26-Aug-2020 |
|
GV2P20
|
169Kb / 9P |
Motor circuit breaker
26-Aug-2020 |
|
GV2ME01
|
94Kb / 2P |
Motor circuit breaker, TeSys GV2, 3P, 0.1-0.16A
Oct 13, 2020 |
|
GV2ME10
|
231Kb / 10P |
Motor circuit breaker, TeSys GV2, 3P, 4-6.3 A
Oct 13, 2020 |
|
GV3P50
|
179Kb / 8P |
Motor circuit breaker, TeSys GV3, 3P, 37-50 A
Oct 13, 2020 |
|
PGL36060U41AMA
|
88Kb / 2P |
Molded Case Circuit Breaker 600V 600A, Motor Operator
Oct 20, 2020 |
|
PGL36120U41AMA
|
61Kb / 2P |
Molded Case Circuit Breaker 600V 1200A, Motor Operator
Oct 26, 2020 |
|
S29433
|
161Kb / 2P |
H-FRAME 120VAC MOULDED CASE CIRCUIT BREAKER MOTOR OPERATOR
Apr 19, 2021 |
|
S29434
|
164Kb / 2P |
H-FRAME 277VAC MOULDED CASE CIRCUIT BREAKER MOTOR OPERATOR
Apr 19, 2021 |
 Schurter Inc. |
4420.0163
|
397Kb / 5P |
Manual Motor Controller / Circuit Breaker for Equipment thermal-magnetic
19.02.2018 |