| Manufacturer | Part # | Datasheet | Description |
 Cree, Inc |
CGH27030S
|
1Mb / 16P |
30 W, DC - 6.0 GHz, 28 V, GaN HEMT
Rev 2.1 |
|
CG2H30070F
|
1Mb / 13P |
70 W, 0.5??.0 GHz, 28 V, RF Power GaN HEMT
|
|
CMPA0527005F
|
1,011Kb / 12P |
5 W, 0.5 - 2.7 GHz, 50 V, GaN HEMT
|
 WOLFSPEED, INC. |
CMPA0530002S
|
2Mb / 20P |
2 W, 0.5 - 3.0 GHz, 28 V, GaN MMIC
Rev. 1.3, 2022-12-8 |
|
CG2H30070F
|
1Mb / 13P |
70 W, DC - 4.0 GHz, 28 V, RF Power GaN HEMT
Rev 3.1 - April 2020 |
|
CG2H40120F
|
1Mb / 11P |
120 W, 28 V, RF Power GaN HEMT
Rev. 2.0, 2022-6-28 |
|
CGH27030S
|
2Mb / 15P |
30 W, DC - 6.0 GHz, 28 V, GaN HEMT
Rev. 4.6, 2022-11-3 |
|
CGH35060F2
|
1Mb / 11P |
60 W, 3.1 - 3.5 GHz, 28 V, GaN HEMT
Rev. 4.4, 2022-10-28 |
|
CGHV40100
|
2Mb / 16P |
100 W, DC - 3.0 GHz, 50 V, GaN HEMT
Rev. 3.7, 2022-12-13 |
|
CMPA0527005F
|
1Mb / 12P |
5 W, 0.5 - 2.7 GHz, 50 V, GaN HEMT
Rev. 2.0, 2022-8-26 |